Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4274ADT50RKG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV4274ADT50RKG
Description  400 mA 2% and 4%Voltage Regulator Family
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4274ADT50RKG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV4274ADT50RKG Datasheet HTML 2Page - ON Semiconductor NCV4274ADT50RKG Datasheet HTML 3Page - ON Semiconductor NCV4274ADT50RKG Datasheet HTML 4Page - ON Semiconductor NCV4274ADT50RKG Datasheet HTML 5Page - ON Semiconductor NCV4274ADT50RKG Datasheet HTML 6Page - ON Semiconductor NCV4274ADT50RKG Datasheet HTML 7Page - ON Semiconductor NCV4274ADT50RKG Datasheet HTML 8Page - ON Semiconductor NCV4274ADT50RKG Datasheet HTML 9Page - ON Semiconductor NCV4274ADT50RKG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCV4274, NCV4274A
http://onsemi.com
6
TYPICAL CHARACTERISTIC CURVES − 8.5 V Version
8.3
8.4
8.5
8.6
8.7
−40
0
40
80
120
160
TJ (°C)
0
1
2
3
4
5
6
02
46
8
10
RL = 33 W
TJ = 25°C
VI = 13.5 V
RL = 1.7 kW
VI (V)
Figure 6. Output Voltage vs. Junction Temperature
0
200
400
600
1000
0
1020304050
VI (V)
Figure 7. Output Voltage vs. Input Voltage
TJ = 25°C
VQ = 0 V
0
5
10
15
20
25
35
0
100
200
300
400
500
IQ (mA)
Figure 8. Output Current vs. Input Voltage
TJ = 25°C
VI = 13.5 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
1020
30
4050
60
IQ (mA)
TJ = 25°C
VI = 13.5 V
Figure 9. Current Consumption vs. Output
Current (High Load)
Figure 10. Current Consumption vs. Output
Current (Low Load)
Figure 11. Drop Voltage vs. Output Current
0
100
200
300
400
500
600
0
100
200
300
400
IQ (mA)
TJ = 25°C
TJ = 125°C
7
8
9
10
800
30
VI = 13.5 V


Similar Part No. - NCV4274ADT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274ADT50RKG ONSEMI-NCV4274ADT50RKG Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4274ADT50RKG ONSEMI-NCV4274ADT50RKG Datasheet
155Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
February, 2007 ??Rev. 8
More results

Similar Description - NCV4274ADT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274 ONSEMI-NCV4274_07 Datasheet
155Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
February, 2007 ??Rev. 8
NCV4274 ONSEMI-NCV4274 Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com