Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ75A Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # SMCJ75A
Description  Surface Mount Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SMCJ75A Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  SMCJ75A Datasheet HTML 1Page - Cystech Electonics Corp. SMCJ75A Datasheet HTML 2Page - Cystech Electonics Corp. SMCJ75A Datasheet HTML 3Page - Cystech Electonics Corp. SMCJ75A Datasheet HTML 4Page - Cystech Electonics Corp. SMCJ75A Datasheet HTML 5Page - Cystech Electonics Corp. SMCJ75A Datasheet HTML 6Page - Cystech Electonics Corp. SMCJ75A Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C493SC
Issued Date : 2011.05.19
Revised Date :
Page No. : 3/7
SMCJ5.0 thru SMCJ440CA
CYStek Product Specification
Electrical Characteristics(Cont.)
Device
Marking
Code
Breakdown Voltage
V(BR) @IT
Part Number
(UNI)
Part Number
(BI)
UNI
BI
Min
(V)
Max
(V)
IT
(mA)
Maximum
reverse
leakage IR
@ VRWM
(
μA)
Working
Peak
reverse
voltage
VRWM
(V)
Maximum
reverse
surge
Current
IPP
(A)
Maximum
clamping
voltage VC
@IPP
(V)
SMCJ22A
SMCJ22CA
GEX BEX 24.40 26.90
1
5
22.0
42.25
35.5
SMCJ24
SMCJ24C
GEY BEY 26.70 32.60
1
5
24.0
34.88
43.0
SMCJ24A
SMCJ24CA
GEZ BEZ 26.70 29.50
1
5
24.0
38.56
38.9
SMCJ26
SMCJ26C
GFD BFD 28.90 35.30
1
5
26.0
32.19
46.6
SMCJ26A
SMCJ26CA
GFE BFE 28.90 31.90
1
5
26.0
35.63
42.1
SMCJ28
SMCJ28C
GFF BFF 31.10 38.00
1
5
28.0
30.00
50.0
SMCJ28A
SMCJ28CA
GFG BFG 31.10 34.40
1
5
28.0
33.04
45.4
SMCJ30
SMCJ30C
GFH BFH 33.30 40.70
1
5
30.0
28.04
53.5
SMCJ30A
SMCJ30CA
GFK BFK 33.30 36.80
1
5
30.0
30.99
48.4
SMCJ33
SMCJ33C
GFL BFL 36.70 44.90
1
5
33.0
25.42
59.0
SMCJ33A
SMCJ33CA
GFM BFM 36.70 40.60
1
5
33.0
28.14
53.3
SMCJ36
SMCJ36C
GFN BFN 40.00 48.90
1
5
36.0
23.33
64.3
SMCJ36A
SMCJ36CA
GFP BFP 40.00 44.20
1
5
36.0
25.82
58.1
SMCJ40
SMCJ40C
GFQ BFQ 44.40 54.30
1
5
40.0
21.01
71.4
SMCJ40A
SMCJ40CA
GFR BFR 44.40 49.10
1
5
40.0
23.26
64.5
SMCJ43
SMCJ43C
GFS BFS 47.80 58.40
1
5
43.0
19.56
76.7
SMCJ43A
SMCJ43CA
GFT BFT 47.80 52.80
1
5
43.0
21.61
69.4
SMCJ45
SMCJ45C
GFU BFU 50.00 61.10
1
5
45.0
18.68
80.3
SMCJ45A
SMCJ45CA
GFV BFV 50.00 55.30
1
5
45.0
20.63
72.7
SMCJ48
SMCJ48C
GFW BFW 53.30 65.10
1
5
48.0
17.54
85.5
SMCJ48A
SMCJ48CA
GFX BFX 53.30 58.90
1
5
48.0
19.38
77.4
SMCJ51
SMCJ51C
GFY BFY 56.70 69.30
1
5
51.0
16.47
91.1
SMCJ51A
SMCJ51CA
GFZ BFZ 56.70 62.70
1
5
51.0
18.20
82.4
SMCJ54
SMCJ54C
GGD BGD 60.00 73.30
1
5
54.0
15.58
96.3
SMCJ54A
SMCJ54CA
GGE BGE 60.00 66.30
1
5
54.0
17.22
87.1
SMCJ58
SMCJ58C
GGF BGF 64.40 78.70
1
5
58.0
14.56
103.0
SMCJ58A
SMCJ58CA
GGG BGG 64.40 71.20
1
5
58.0
16.03
93.6
SMCJ60
SMCJ60C
GGH BGH 66.70 81.50
1
5
60.0
14.02
107.0
SMCJ60A
SMCJ60CA
GGK BGK 66.70 73.70
1
5
60.0
15.50
96.8
SMCJ64
SMCJ64C
GGL BGL 71.10 86.90
1
5
64.0
13.16
114.0
SMCJ64A
SMCJ64CA
GGM BGM 71.10 78.60
1
5
64.0
14.56
103.0
SMCJ70
SMCJ70C
GGN BGN 77.80 95.10
1
5
70.0
12.00
125.0
SMCJ70A
SMCJ70CA
GGP BGP 77.80 86.00
1
5
70.0
13.27
113.0
SMCJ75
SMCJ75C
GGQ BGQ 83.30 102.00
1
5
75.0
11.19
134.0
SMCJ75A
SMCJ75CA
GGR BGR 83.30 92.10
1
5
75.0
12.40
121.0
SMCJ78
SMCJ78C
GGS BGS 86.70 106.00
1
5
78.0
10.79
139.0
SMCJ78A
SMCJ78CA
GGT BGT 86.70 95.80
1
5
78.0
11.90
126.0
SMCJ80
SMCJ80C
GGA BGA 88.96 108.80
1
5
80.0
10.47
143.2
SMCJ80A
SMCJ80CA
GGB BGB 88.80 97.60
1
5
80.0
11.57
129.6


Similar Part No. - SMCJ75A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ75A DCCOM-SMCJ75A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ75A VISHAY-SMCJ75A Datasheet
114Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SMCJ75A VISHAY-SMCJ75A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
Guangdong Youtai Semico...
SMCJ75A UMW-SMCJ75A Datasheet
558Kb / 3P
   5V-188V 1500W
logo
Taiwan Semiconductor Co...
SMCJ75A TSC-SMCJ75A Datasheet
109Kb / 5P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ75A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com