Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4274DS50G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV4274DS50G
Description  400 mA 2% and 4%Voltage Regulator Family
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4274DS50G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV4274DS50G Datasheet HTML 7Page - ON Semiconductor NCV4274DS50G Datasheet HTML 8Page - ON Semiconductor NCV4274DS50G Datasheet HTML 9Page - ON Semiconductor NCV4274DS50G Datasheet HTML 10Page - ON Semiconductor NCV4274DS50G Datasheet HTML 11Page - ON Semiconductor NCV4274DS50G Datasheet HTML 12Page - ON Semiconductor NCV4274DS50G Datasheet HTML 13Page - ON Semiconductor NCV4274DS50G Datasheet HTML 14Page - ON Semiconductor NCV4274DS50G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCV4274, NCV4274A
http://onsemi.com
11
TYPICAL CHARACTERISTIC CURVES − 3.3 V Version
0
1
4
5
7
010
20
30
40
50
RL = 20 W
TJ = 25°C
VI (V)
−16
−14
−12
−10
−8
−6
−4
−2
0
2
4
−50
−25
0
25
50
RL = 3.3 kW
TJ = 25°C
VI (V)
Figure 28. Current Consumption vs. Input Voltage
Figure 29. Input Current vs. Input Voltage
2
3
6


Similar Part No. - NCV4274DS50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274DS50G ONSEMI-NCV4274DS50G Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4274DS50G ONSEMI-NCV4274DS50G Datasheet
155Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
February, 2007 ??Rev. 8
More results

Similar Description - NCV4274DS50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274 ONSEMI-NCV4274_07 Datasheet
155Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
February, 2007 ??Rev. 8
NCV4274 ONSEMI-NCV4274 Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com