Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZX12A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # TZX12A
Description  500mW EPITAXIAL PLANAR ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TZX12A Datasheet(HTML) 3 Page - Diodes Incorporated

  TZX12A Datasheet HTML 1Page - Diodes Incorporated TZX12A Datasheet HTML 2Page - Diodes Incorporated TZX12A Datasheet HTML 3Page - Diodes Incorporated TZX12A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D
S30089 Rev. 1P-5
3 of 4
TZX2V4 - TZX36C
Type
Number
Zener Voltage Range (Note 2)
Test Current
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ @IZT
IZT
ZZT @ IZT
IR
@VR
Min (V)
Max (V)
mA
WmA
V
TZX6V2
5.7
6.6
5.0
15
1.0
3.0
TZX6V2A
5.7
6.0
5.0
15
1.0
3.0
TZX6V2B
5.9
6.1
5.0
15
1.0
3.0
TZX6V2C
6.0
6.3
5.0
15
1.0
3.0
TZX6V2D
6.1
6.4
5.0
15
1.0
3.0
TZX6V2E
6.3
6.6
5.0
15
1.0
3.0
TZX6V8
6.4
7.2
5.0
15
1.0
3.5
TZX6V8A
6.4
6.7
5.0
15
1.0
3.5
TZX6V8B
6.6
6.9
5.0
15
1.0
3.5
TZX6V8C
6.7
7.0
5.0
15
1.0
3.5
TZX6V8D
6.9
7.2
5.0
15
1.0
3.5
TZX7V5
7.0
7.9
5.0
15
1.0
5.0
TZX7V5A
7.0
7.3
5.0
15
1.0
5.0
TZX7V5B
7.2
7.6
5.0
15
1.0
5.0
TZX7V5C
7.3
7.7
5.0
15
1.0
5.0
TZX7V5D
7.5
7.9
5.0
15
1.0
5.0
TZX8V2
7.7
8.7
5.0
20
1.0
6.2
TZX8V2A
7.7
8.1
5.0
20
1.0
6.2
TZX8V2B
7.9
8.3
5.0
20
1.0
6.2
TZX8V2C
8.1
8.5
5.0
20
1.0
6.2
TZX8V2D
8.3
8.7
5.0
20
1.0
6.2
TZX9V1
8.5
9.7
5.0
20
1.0
6.8
TZX9V1A
8.5
8.9
5.0
20
1.0
6.8
TZX9V1B
8.7
9.1
5.0
20
1.0
6.8
TZX9V1C
8.9
9.3
5.0
20
1.0
6.8
TZX9V1D
9.1
9.5
5.0
20
1.0
6.8
TZX9V1E
9.3
9.7
5.0
20
1.0
6.8
TZX10
9.5
10.6
5.0
25
1.0
7.5
TZX10A
9.5
9.9
5.0
25
1.0
7.5
TZX10B
9.7
10.1
5.0
25
1.0
7.5
TZX10C
9.9
10.3
5.0
25
1.0
7.5
TZX10D
10.2
10.6
5.0
25
1.0
7.5
TZX11
10.4
11.6
5.0
25
1.0
8.2
TZX11A
10.4
10.8
5.0
25
1.0
8.2
TZX11B
10.7
11.1
5.0
25
1.0
8.2
TZX11C
10.9
11.3
5.0
25
1.0
8.2
TZX11D
11.1
11.6
5.0
25
1.0
8.2
TZX12
11.4
12.7
5.0
35
1.0
9.5
TZX12A
11.4
11.9
5.0
35
1.0
9.5
TZX12B
11.6
12.1
5.0
35
1.0
9.5
TZX12C
11.9
12.4
5.0
35
1.0
9.5
TZX12D
12.2
12.7
5.0
35
1.0
9.5
TZX13
12.4
13.4
5.0
35
1.0
10
TZX13A
12.4
12.9
5.0
35
1.0
10
TZX13B
12.6
13.1
5.0
35
1.0
10
TZX13C
12.9
13.4
5.0
35
1.0
10
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, t
£ 1.0ms.


Similar Part No. - TZX12A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZX12A VISHAY-TZX12A Datasheet
95Kb / 7P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
TZX12A VISHAY-TZX12A Datasheet
139Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Mar-07
TZX12A VISHAY-TZX12A Datasheet
100Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 22-Nov-11
TZX12A-TAP VISHAY-TZX12A-TAP Datasheet
101Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 06-May-13
More results

Similar Description - TZX12A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
1N5221B ZSELEC-1N5221B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_1 Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
1N5221B DIODES-1N5221B_11 Datasheet
51Kb / 3P
   500mW EPITAXIAL ZENER DIODE
logo
Diotech Company.
1N5221B DIOTECH-1N5221B Datasheet
965Kb / 3P
   500mW EPITAXIAL ZENER DIODE
GDZJ2 DIOTECH-GDZJ2 Datasheet
1Mb / 5P
   500mW EPITAXIAL ZENER DIODE
logo
Comchip Technology
1N5221B COMCHIP-1N5221B Datasheet
32Kb / 2P
   500mw Epitaxial Zener Diode
logo
Diodes Incorporated
1N5221B DIODES-1N5221B Datasheet
34Kb / 2P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 14 - 2
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com