Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ33A Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # SMCJ33A
Description  Surface Mount Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SMCJ33A Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  SMCJ33A Datasheet HTML 1Page - Cystech Electonics Corp. SMCJ33A Datasheet HTML 2Page - Cystech Electonics Corp. SMCJ33A Datasheet HTML 3Page - Cystech Electonics Corp. SMCJ33A Datasheet HTML 4Page - Cystech Electonics Corp. SMCJ33A Datasheet HTML 5Page - Cystech Electonics Corp. SMCJ33A Datasheet HTML 6Page - Cystech Electonics Corp. SMCJ33A Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C493SC
Issued Date : 2011.05.19
Revised Date :
Page No. : 4/7
SMCJ5.0 thru SMCJ440CA
CYStek Product Specification
Electrical Characteristics(Cont.)
Device
Marking
Code
Breakdown Voltage
V(BR) @IT
Part Number
(UNI)
Part Number
(BI)
UNI
BI
Min
(V)
Max
(V)
IT
(mA)
Maximum
reverse
leakage IR
@ VRWM
(
μA)
Working
Peak
reverse
voltage
VRWM
(V)
Maximum
reverse
surge
Current
IPP
(A)
Maximum
clamping
voltage VC
@IPP
(V)
SMCJ85
SMCJ85C
GGU BGU 94.40 115.00
1
5
85.0
9.93
151.0
SMCJ85A
SMCJ85CA
GGV BGV 94.40 104.00
1
5
85.0
10.95
137.0
SMCJ90
SMCJ90C
GGW BGW 100.00 122.00
1
5
90.0
9.38
160.0
SMCJ90A
SMCJ90CA
GGX BGX 100.00 111.00
1
5
90.0
10.27
146.0
SMCJ100
SMCJ100C
GGY BGY 111.00 136.00
1
5
100.0
8.38
179.0
SMCJ100A
SMCJ100CA GGZ BGZ 111.00 123.00
1
5
100.0
9.26
162.0
SMCJ110
SMCJ110C
GHD BHD 122.00 149.00
1
5
110.0
7.65
196.0
SMCJ110A
SMCJ110CA GHE BHE 122.00 135.00
1
5
110.0
8.47
177.0
SMCJ120
SMCJ120C
GHF BHF 133.00 163.00
1
5
120.0
7.01
214.0
SMCJ120A
SMCJ120CA GHG BHG 133.00 147.00
1
5
120.0
7.77
193.0
SMCJ130
SMCJ130C
GHH BHH 144.00 176.00
1
5
130.0
6.49
231.0
SMCJ130A
SMCJ130CA GHK BHK 144.00 159.00
1
5
130.0
7.18
209.0
SMCJ140
SMCJ140C
GHA BHA 155.68 190.40
1
5
140.0
5.99
250.6
SMCJ140A
SMCJ140CA GHB BHB 155.00 171.00
1
5
140.0
6.61
226.8
SMCJ150
SMCJ150C
GHL BHL 167.00 204.00
1
5
150.0
5.60
268.0
SMCJ150A
SMCJ150CA GHM BHM 167.00 185.00
1
5
150.0
6.17
243.0
SMCJ160
SMCJ160C
GHN BHN 178.00 218.00
1
5
160.0
5.23
287.0
SMCJ160A
SMCJ160CA GHP BHP 178.00 197.00
1
5
160.0
5.79
259.0
SMCJ170
SMCJ170C
GHQ BHQ 189.00 231.00
1
5
170.0
4.93
304.0
SMCJ170A
SMCJ170CA GHR BHR 189.00 209.00
1
5
170.0
5.45
275.0
SMCJ180
SMCJ180C
GHS BHS 200.16 244.80
1
5
180.0
4.66
322.2
SMCJ180A
SMCJ180CA GHT BHT 200.00 220.00
1
5
180.0
5.14
291.6
SMCJ190
SMCJ190C
GHU BHU 211.28 258.40
1
5
190.0
4.41
340.1
SMCJ190A
SMCJ190CA GHV BHV 211.00 232.00
1
5
190.0
4.87
307.8
SMCJ200A
SMCJ200CA GHW BHW 224.00 247.00
1
5
200.0
4.60
324.0
SMCJ220A
SMCJ220CA GHX BHX 246.00 272.00
1
5
220.0
4.20
356.0
SMCJ250A
SMCJ250CA GHZ BHZ 279.00 309.00
1
5
250.0
3.70
405.0
SMCJ300A
SMCJ300CA GJE BJE 335.00 371.00
1
5
300.0
3.10
486.0
SMCJ350A
SMCJ350CA GJG BJG 391.00 432.00
1
5
350.0
2.60
567.0
SMCJ400A
SMCJ400CA GJK BJK 447.00 494.00
1
5
400.0
2.30
648.0
SMCJ440A
SMCJ440CA GJM BJM 492.00 543.00
1
5
440.0
2.10
713.0
Note: 1.Suffix ‘A’ denotes 5% tolerance device. Without ‘A’ denotes 10% tolerance device.
2.Add suffix ‘C’ or ‘CA’ after part number to specify Bi-directional devices.
3.For bidirectional types having VR of 10 volts and less, the IR limit is doubled.


Similar Part No. - SMCJ33A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ33A DCCOM-SMCJ33A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ33A MICROSEMI-SMCJ33A Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCJ33A VISHAY-SMCJ33A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
SHIKUES Electronics
SMCJ33A SKTECHNOLGY-SMCJ33A Datasheet
1Mb / 4P
   Rating to 200C VBR
logo
Taiwan Semiconductor Co...
SMCJ33A TSC-SMCJ33A Datasheet
109Kb / 5P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ33A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com