Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF17A Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # SMF17A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SMF17A Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  SMF17A Datasheet HTML 1Page - Cystech Electonics Corp. SMF17A Datasheet HTML 2Page - Cystech Electonics Corp. SMF17A Datasheet HTML 3Page - Cystech Electonics Corp. SMF17A Datasheet HTML 4Page - Cystech Electonics Corp. SMF17A Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C296SP
Issued Date : 2011.06.20
Revised Date :
Page No. : 2/5
SMF5.0A thru SMBJ190CA
CYStek Product Specification
Electrical Characteristics Ratings at 25℃ ambient temperature, unless otherwise noted.
Device
Marking
Code
Breakdown Voltage
V(BR) @IT
Part Number
(UNI)
Part Number
(BI)
UNI
BI
Min
(V)
Max
(V)
IT
(mA)
Maximum
reverse
leakage IR
@ VRWM
(
μA)
Working
Peak
reverse
voltage
VRWM
(V)
Maximum
reverse
surge
Current
IPP
(A)
Maximum
clamping
voltage VC
@IPP
(V)
SMF5.0A
SMF5.0CA
FE
KE
6.40
7.00
10
400
5.0
21.74
9.2
SMF6.0A
SMF6.0CA
FG
KG
6.67
7.37
10
400
6.0
19.42
10.3
SMF6.5A
SMF6.5CA
FK
KK
7.22
7.98
10
250
6.5
17.86
11.2
SMF7.0A
SMF7.0CA
FM
KM
7.78
8.60
10
100
7.0
16.67
12.0
SMF7.5A
SMF7.5CA
FP
KP
8.33
9.21
1
50
7.5
15.50
12.9
SMF8.0A
SMF8.0CA
FR
KR
8.89
9.83
1
25
8.0
14.71
13.6
SMF8.5A
SMF8.5K
FT
KT
9.44
10.40
1
10
8.5
13.89
14.4
SMF9.0A
SMF9.0CA
FV
KV
10.00 11.10
1
5
9.0
12.99
15.4
SMF10A
SMF10CA
FX
KX
11.10 12.30
1
2.5
10.0
11.76
17.0
SMF11A
SMF11CA
FZ
KZ
12.20 13.50
1
2.5
11.0
10.99
18.2
SMF12A
SMF12CA
HE
LE
13.30 14.70
1
2.5
12.0
10.05
19.9
SMF13A
SMF13CA
HG
LG
14.40 15.90
1
1
13.0
9.30
21.5
SMF14A
SMF14CA
HK
LK
15.60 17.20
1
1
14.0
8.62
23.2
SMF15A
SMF15CA
HM
LM
16.70 18.50
1
1
15.0
8.20
24.4
SMF16A
SMF16CA
HP
LP
17.80 19.70
1
1
16.0
7.69
26.0
SMF17A
SMF17CA
HR
LR
18.90 20.90
1
1
17.0
7.25
27.6
SMF18A
SMF18CA
HT
LT
20.00 22.10
1
1
18.0
6.85
29.2
SMF19A
SMF19CA
HB
LB
21.10 23.30
1
1
19.0
6.54
30.6
SMF20A
SMF20CA
HV
LV
22.20 24.50
1
1
20.0
6.17
32.4
SMF22A
SMF22CA
HX
LX
24.40 26.90
1
1
22.0
5.63
35.5
SMF24A
SMF24CA
HZ
LZ
26.70 29.50
1
1
24.0
5.14
38.9
SMF26A
SMF26CA
JE
ME
28.90 31.90
1
1
26.0
4.75
42.1
SMF28A
SMF28CA
JG
MG 31.10 34.40
1
1
28.0
4.41
45.4
SMF30A
SMF30CA
JK
MK 33.30 36.80
1
1
30.0
4.13
48.4
SMF33A
SMF33CA
JM
MM 36.70 40.60
1
1
33.0
3.75
53.3
SMF36A
SMF36CA
JP
MP
40.00 44.20
1
1
36.0
3.44
58.1
SMF40A
SMF40CA
JR
MR 44.40 49.10
1
1
40.0
3.10
64.5
SMF43A
SMF43CA
JT
MT
47.80 52.80
1
1
43.0
2.88
69.4
SMF45A
SMF45CA
JV
MV
50.00 55.30
1
1
45.0
2.75
72.7
SMF48A
SMF48CA
JX
MX
53.30 58.90
1
1
48.0
2.58
77.4
SMF51A
SMF51CA
JZ
MZ
56.70 62.70
1
1
51.0
2.43
82.4
SMF54A
SMF54CA
XE
NE
60.00 66.30
1
1
54.0
2.30
87.1
SMF58A
SMF58CA
XG
NG
64.40 71.20
1
1
58.0
2.14
93.6
SMF60A
SMF60CA
XK
NK
66.70 73.70
1
1
60.0
2.07
96.8
SMF64A
SMF64CA
XM
NM
71.10 78.60
1
1
64.0
1.94
103.0
SMF70A
SMF70CA
XP
NP
77.80 86.00
1
1
70.0
1.77
113.0
SMF75A
SMF75CA
XR
NR
83.30 92.10
1
1
75.0
1.65
121.0
SMF78A
SMF78CA
XT
NT
86.70 95.80
1
1
78.0
1.59
126.0
SMF80A
SMF80CA
XB
NB
88.80 97.60
1
1
80.0
1.55
129.0


Similar Part No. - SMF17A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF17A VISHAY-SMF17A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
UN Semiconducctor INC
SMF17A UNSEMI-SMF17A Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Nanjing International G...
SMF17A DGNJDZ-SMF17A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Anova Technologies CO.,...
SMF17A ANOVA-SMF17A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
SMF17A VISHAY-SMF17A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results

Similar Description - SMF17A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com