Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP50J3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # TIP50J3
Description  High Voltage NPN Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TIP50J3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  TIP50J3 Datasheet HTML 1Page - Cystech Electonics Corp. TIP50J3 Datasheet HTML 2Page - Cystech Electonics Corp. TIP50J3 Datasheet HTML 3Page - Cystech Electonics Corp. TIP50J3 Datasheet HTML 4Page - Cystech Electonics Corp. TIP50J3 Datasheet HTML 5Page - Cystech Electonics Corp. TIP50J3 Datasheet HTML 6Page - Cystech Electonics Corp. TIP50J3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C827J3
Issued Date : 2010.03.16
Revised Date : 2013.12.19
Page No. : 5/7
TIP50J3
CYStek Product Specification
Reel Dimension
Carrier Tape Dimension


Similar Part No. - TIP50J3

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP50 MOSPEC-TIP50 Datasheet
130Kb / 3P
   POWER TRANSISTORS(1.0A,250-400V,40W)
logo
Rectron Semiconductor
TIP50 RECTRON-TIP50 Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
Motorola, Inc
TIP50 MOTOROLA-TIP50 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
TIP50 ONSEMI-TIP50 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
More results

Similar Description - TIP50J3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
   High voltage NPN power transistor
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
   High Voltage NPN Power Transistor
logo
STMicroelectronics
BUX98APW STMICROELECTRONICS-BUX98APW Datasheet
46Kb / 4P
   HIGH VOLTAGE NPN POWER TRANSISTOR
logo
NXP Semiconductors
BUX84S PHILIPS-BUX84S Datasheet
29Kb / 4P
   NPN high voltage Power transistor
February 1999 Rev 1.000
logo
Cystech Electonics Corp...
TIP50I3 CYSTEKEC-TIP50I3 Datasheet
269Kb / 6P
   High Voltage NPN Power Transistor
logo
STMicroelectronics
STD616A-1 STMICROELECTRONICS-STD616A-1 Datasheet
42Kb / 5P
   HIGH VOLTAGE NPN POWER TRANSISTOR
BUXD87 STMICROELECTRONICS-BUXD87 Datasheet
202Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
2ST501T STMICROELECTRONICS-2ST501T Datasheet
154Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
logo
ON Semiconductor
BUT11AF ONSEMI-BUT11AF Datasheet
60Kb / 8P
   High Voltage NPN Power Transistor
March, 2001 ??Rev. 4
logo
Seme LAB
2N6678 SEME-LAB-2N6678 Datasheet
28Kb / 2P
   HIGH VOLTAGE NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com