Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFM1200NXM33-A000 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DFM1200NXM33-A000
Description  Fast Recovery Diode Module Preliminary Information
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DFM1200NXM33-A000 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DFM1200NXM33-A000 Datasheet HTML 1Page - Dynex Semiconductor DFM1200NXM33-A000 Datasheet HTML 2Page - Dynex Semiconductor DFM1200NXM33-A000 Datasheet HTML 3Page - Dynex Semiconductor DFM1200NXM33-A000 Datasheet HTML 4Page - Dynex Semiconductor DFM1200NXM33-A000 Datasheet HTML 5Page - Dynex Semiconductor DFM1200NXM33-A000 Datasheet HTML 6Page - Dynex Semiconductor DFM1200NXM33-A000 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DFM1200NXM33-A000
4/7
www.dynexsemi.com
TYPICAL CHARACTERISTICS
Fig. 2 Diode typical forward characteristics
Fig. 4 Transient thermal impedance
Fig. 5 Power dissipation
Fig. 6 DC current rating vs case temperature
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Forward voltage, VF - (V)
Tj = 25˚C
Tj = 125˚C
0.1
1
10
100
0.001
0.01
1
0.1
10
Pulse width, tp - (s)
Diode
Ri (˚C/KW)
τ
i (ms)
1
0.4646
0.0843
2
2.46
3.7205
3
3.4987
33.2138
4
10.5854
236.5275
Diode
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
0
25
50
75
100
125
150
Case temperature, Tcase - (°C)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
25
50
75
100
125
150
Case temperature, Tcase - (°C)


Similar Part No. - DFM1200NXM33-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM1200NXM33-A000 DYNEX-DFM1200NXM33-A000 Datasheet
253Kb / 6P
   Fast Recovery Diode Module
DFM1200NXM33-A000 DYNEX-DFM1200NXM33-A000_10 Datasheet
253Kb / 6P
   Fast Recovery Diode Module
DFM1200NXM33-A000 DYNEX-DFM1200NXM33-A000_15 Datasheet
253Kb / 6P
   Fast Recovery Diode Module
More results

Similar Description - DFM1200NXM33-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM1200FXM12-A000 DYNEX-DFM1200FXM12-A000 Datasheet
99Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM600FXM18-A000 DYNEX-DFM600FXM18-A000 Datasheet
100Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM900FXM18-A000 DYNEX-DFM900FXM18-A000 Datasheet
100Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM1200FXM18-A000 DYNEX-DFM1200FXM18-A000 Datasheet
100Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM600FXM12-A000 DYNEX-DFM600FXM12-A000 Datasheet
99Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM600LXS18-A000 DYNEX-DFM600LXS18-A000 Datasheet
93Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM900FXM12-A000 DYNEX-DFM900FXM12-A000 Datasheet
99Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM1200EXM12-A000 DYNEX-DFM1200EXM12-A000 Datasheet
119Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000 Datasheet
152Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM300LXS12-A000 DYNEX-DFM300LXS12-A000 Datasheet
92Kb / 7P
   Fast Recovery Diode Module Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com