Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

121-0424O-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 121-0424O-GR
Description  O Type Battery Snaps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

121-0424O-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  121-0424O-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers 121-0424O-GR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions: mm (in.)
"O" Type Battery Snaps
121-0426/O-GR, 121-0626/O-GR, 121-0424/O-GR,
121-0624/O-GR, 121-0422/O-GR, 121-0622/O-GR
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200739
6.2±.50
(.244±.02)
2.5±.50 (.984±.02)
13
(.512)
12.5±.50
(.493±.02)
A
4±1
(.157±.04)
Date Last Revised: 10-3-08
SPECIFICATIONS
Material:
6 Prong Snap Terminal:
Wire:
RoHS Compliant
P.V.C. Cover, Black Color
Brass Nickel Plated
Black and Red, Strip & Tin
121-0426/O-GR
“O” 4” 26AWG
121-0626/O-GR
“O” 6” 26AWG
121-0424/O-GR
“O” 4” 24AWG
121-0624/O-GR
“O” 6” 24AWG
121-0422/O-GR
“O” 4” 22AWG
121-0622/O-GR
“O” 6” 22AWG
Mouser Stock No.
A
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 121-0424O-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
121-0426 ETC2-121-0426 Datasheet
134Kb / 1P
   I Type Battery Snaps
121-0426/T ETC2-121-0426/T Datasheet
134Kb / 1P
   I Type Battery Snaps
121-0426I-GR ETC2-121-0426I-GR Datasheet
139Kb / 1P
   I Type Battery Snaps
121-0426IM-GR ETC2-121-0426IM-GR Datasheet
82Kb / 1P
   4 ?쏧??Battery Snap
121-0426T-GR ETC2-121-0426T-GR Datasheet
39Kb / 1P
   T Type Battery Snaps
More results

Similar Description - 121-0424O-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
121-0426I-GR ETC2-121-0426I-GR Datasheet
139Kb / 1P
   I Type Battery Snaps
121-0426 ETC2-121-0426 Datasheet
134Kb / 1P
   I Type Battery Snaps
121-0426T-GR ETC2-121-0426T-GR Datasheet
39Kb / 1P
   T Type Battery Snaps
123-5004-GR ETC2-123-5004-GR Datasheet
136Kb / 1P
   Battery Snaps
123-5114-GR ETC2-123-5114-GR Datasheet
132Kb / 2P
   Battery Snaps
12BC309-GR ETC2-12BC309-GR Datasheet
79Kb / 1P
   Battery Snaps
123-6004-GR ETC2-123-6004-GR Datasheet
151Kb / 1P
   Battery Snaps
logo
Adam Technologies, Inc.
BS-1 ADAM-TECH-BS-1 Datasheet
111Kb / 1P
   BATTERY SNAPS
logo
List of Unclassifed Man...
12BC261-GR ETC2-12BC261-GR Datasheet
190Kb / 1P
   Mini Battery Snaps
12BC2102-GR ETC2-12BC2102-GR Datasheet
133Kb / 2P
   9V Battery Snaps PCB Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com