Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFB54 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DFB54
Description  Fast Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DFB54 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DFB54 Datasheet HTML 1Page - Dynex Semiconductor DFB54 Datasheet HTML 2Page - Dynex Semiconductor DFB54 Datasheet HTML 3Page - Dynex Semiconductor DFB54 Datasheet HTML 4Page - Dynex Semiconductor DFB54 Datasheet HTML 5Page - Dynex Semiconductor DFB54 Datasheet HTML 6Page - Dynex Semiconductor DFB54 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DFB54
2/7
SURGE RATINGS
Conditions
Max.
Units
20.0
kA
2000 x 103
A
2s
I
2t for fusing
I
2t
Surge (non-repetitive) forward current
I
FSM
Parameter
Symbol
10ms half sine; with 0% V
RRM, Tj = 150
oC
16
kA
1280 x 103
A
2s
I
2t for fusing
I
2t
Surge (non-repetitive) forward current
I
FSM
10ms half sine; with 50% V
RRM, Tj = 150
oC
THERMAL AND MECHANICAL DATA
dc
Conditions
Max.
Units
oC/W
-
0.025
Anode dc
Clamping force 44kN
with mounting compound
Thermal resistance - case to heatsink
R
th(c-h)
0.003
Double side
-
Single side
Thermal resistance - junction to case
R
th(j-c)
Single side cooled
Symbol
Parameter
-
0.006
oC/W
oC/W
Cathode dc
-
0.027
oC/W
Double side cooled
-
0.013
oC/W
T
stg
Storage temperature range
-55
150
oC
kN
48.4
39.6
Clamping force
-
T
vj
Virtual junction temperature
Forward (conducting)
-
150
oC
Min.
t
rr
100
Symbol
Typ.
Units
Parameter
V
FM
Forward voltage
I
RRM
Peak reverse current
Reverse recovery time
Q
RA1
Recovered charge (50% chord)
I
RM
Reverse recovery current
K
Soft factor
V
TO
Threshold voltage
r
T
Slope resistance
V
FRM
Forward recovery voltage
di/dt = 1000A/
µs, T
j = 125
oC-
-
V
At T
vj = 150
oC
-
0.32
m
At T
vj = 150
oC
-
1.15
V
--
-
-
450
A
-
1500
µC
-
6.5
µs
At V
RRM, Tcase = 150
oC-
mA
At 1500A peak, T
case = 25
oC
-
1.7
V
Conditions
Max.
I
F = 1000A, diRR/dt = 100A/µs
T
case = 150
oC, V
R = 100V
CHARACTERISTICS


Similar Part No. - DFB54

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
DFB-1310-10LR-LC FINISAR-DFB-1310-10LR-LC Datasheet
231Kb / 7P
   DFB LASER DIODE LC TOSA
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
   1310nm DFB Laser Diode LC TOSA
DFB-1310-4I-50SMF-FCAPC FINISAR-DFB-1310-4I-50SMF-FCAPC Datasheet
185Kb / 5P
   DFB LASER DIODE PIGTAILED PACKAGE
DFB-1310-4I-50SMF-FCUPC FINISAR-DFB-1310-4I-50SMF-FCUPC Datasheet
185Kb / 5P
   DFB LASER DIODE PIGTAILED PACKAGE
DFB-1310-4I-50SMF-SCAPC FINISAR-DFB-1310-4I-50SMF-SCAPC Datasheet
185Kb / 5P
   DFB LASER DIODE PIGTAILED PACKAGE
More results

Similar Description - DFB54

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com