Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12BH383-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 12BH383-GR
Description  8 AA Battery Holder with Leads
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12BH383-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  12BH383-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
8 “AA” Battery Holder
with Leads
12BH383-GR
EPD-200649
Date Last Revised: 06-18-07
SPECIFICATIONS
Wire:
Material:
Springs:
AWG #26, Black and Red - 150mm±5mm,
Strip and Tin - 5mm±1mm
PP Resin, Black Color
0.6mm 65C Spring Wire
Dimensions: mm (in.)
1.5V
1.5V
1.5V
1.5V
63±1
(2.48±.039)
28.50±.5
(1.10±.02)
7.80
(.307)
2
(.078)
57.80±1
(2.276±.039)
Black
Red
RoHS Compliant


Similar Part No. - 12BH383-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH381A-GR ETC2-12BH381A-GR Datasheet
180Kb / 1P
   8 AA Battery Holder with 6 Wire Leads
12BH382A-GR ETC2-12BH382A-GR Datasheet
184Kb / 1P
   8 AA Battery Holder with 6 Wire Leads
12BH382B-GR ETC2-12BH382B-GR Datasheet
39Kb / 1P
   8 AA Battery Holder with Snaps
More results

Similar Description - 12BH383-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH381A-GR ETC2-12BH381A-GR Datasheet
180Kb / 1P
   8 AA Battery Holder with 6 Wire Leads
12BH382A-GR ETC2-12BH382A-GR Datasheet
184Kb / 1P
   8 AA Battery Holder with 6 Wire Leads
12BH311A-GR ETC2-12BH311A-GR Datasheet
80Kb / 1P
   1 AA Battery Holder with Leads
12BH343-GR ETC2-12BH343-GR Datasheet
77Kb / 1P
   4 AA Battery Holder with Leads
12BH222-GR ETC2-12BH222-GR Datasheet
83Kb / 1P
   2 AA Battery Holder with Leads
12BH310A-GR ETC2-12BH310A-GR Datasheet
91Kb / 1P
   10 AA Battery Holder with Leads
12BH324A-GR ETC2-12BH324A-GR Datasheet
86Kb / 2P
   2 AA Battery Holder with Leads
12BH348-GR ETC2-12BH348-GR Datasheet
111Kb / 1P
   4 AA Battery Holder with Leads
12BH325A-GR ETC2-12BH325A-GR Datasheet
185Kb / 1P
   2 AA Battery Holder with Wire Leads
12BH212A-GR ETC2-12BH212A-GR Datasheet
200Kb / 1P
   2 AA Battery Holder with 6 Wire Leads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com