Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3003-02JTG Datasheet(PDF) 6 Page - Littelfuse

Part # SP3003-02JTG
Description  SP3003 Series 0.65pF Diode Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003-02JTG Datasheet(HTML) 6 Page - Littelfuse

  SP3003-02JTG Datasheet HTML 1Page - Littelfuse SP3003-02JTG Datasheet HTML 2Page - Littelfuse SP3003-02JTG Datasheet HTML 3Page - Littelfuse SP3003-02JTG Datasheet HTML 4Page - Littelfuse SP3003-02JTG Datasheet HTML 5Page - Littelfuse SP3003-02JTG Datasheet HTML 6Page - Littelfuse SP3003-02JTG Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/20/13
TVS Diode Arrays (SPA®Diodes)
Low Capacitance ESD Protection - SP3003 Series
Embossed Carrier Tape & Reel Specification — MSOP-10
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
5.40
5.60
0.213
0.220
D
1.50
1.60
0.059
0.063
D1
1.50 Min
0.059 Min
P0
3.90
4.10
0.154
0.161
10P0
40.0± 0.20
1.574±0.008
W
11.90
12.10
0.469
0.476
P
7.90
8.10
0.311
0.319
A0
5.20
5.40
0.205
0.213
B0
3.20
3.40
0.126
0.134
K0
1.20
1.40
0.047
0.055
t
0.30 ± 0.05
0.012± 0.002
User Feeding Direction
Pin 1 Location
Embossed Carrier Tape & Reel Specifications — SOT553 and SOT563
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.064
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.076
0.081
D
1.40
1.60
0.055
0.063
D1
0.45
0.55
0.017
0.021
P0
3.90
4.10
0.154
0.161
10P0
40.0± 0.20
1.574±0.008
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
1.73
1.83
0.068
0.072
B0
1.73
1.83
0.068
0.072
K0
0.64
0.74
0.025
0.029
t
0.22 max
0.009 max
User Feeding Direction
Pin 1 Location
Embossed Carrier Tape & Reel Specifications — SC70-5 and SC70-6
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.064
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.077
0.081
D
1.40
1.60
0.055
0.063
D1
1.00
1.25
0.039
0.049
P0
3.90
4.10
0.154
0.161
10P0
40.0± 0.20
1.574±0.008
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
2.14
2.34
0.084
0.092
B0
2.24
2.44
0.088
0.960
K0
1.12
1.32
0.044
0.052
t
0.27 max
0.010 max
User Feeding Direction
Pin 1 Location


Similar Part No. - SP3003-02JTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003-02JTG LITTELFUSE-SP3003-02JTG Datasheet
568Kb / 8P
   Low Capacitance ESD Protection Array
More results

Similar Description - SP3003-02JTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003 LITTELFUSE-SP3003_11 Datasheet
320Kb / 6P
   SP3003 Series 0.65pF Rail Clamp Array
SP8008 LITTELFUSE-SP8008 Datasheet
847Kb / 5P
   Series Diode Array
2019 Littelfuse, Inc.
logo
Bourns Electronic Solut...
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
   TVS Diode Array Series
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
   TVS Diode Array Series
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
   TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C_12 Datasheet
333Kb / 4P
   TVS Diode Array Series
CD143A-SR70 BOURNS-CD143A-SR70 Datasheet
134Kb / 3P
   Steering Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT236-DSL0312 BOURNS-CDSOT236-DSL0312 Datasheet
514Kb / 6P
   TVS Diode Array Series
CDNBS16-T03C BOURNS-CDNBS16-T03C_11 Datasheet
466Kb / 4P
   TVS Diode Array Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com