Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC2016T100 Datasheet(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBC2016T100
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBC2016T100 Datasheet(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

  LBC2016T100 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LBC2016T100 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LBC2016T100 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LBC2016T100 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LBC2016T100 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBC2016T100 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBC2016T100 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBC2016T100 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBC2016T100 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
64
PARTS NUMBER
3225(1210)type
LB C3225T1R0MR
RoHS
1.0
±20%
250
0.055
1,100
0.1
LB C3225T1R5MR
RoHS
1.5
±20%
220
0.060
1,000
0.1
LB C3225T2R2MR
RoHS
2.2
±20%
190
0.080
930
0.1
LB C3225T3R3MR
RoHS
3.3
±20%
160
0.095
820
0.1
LB C3225T4R7MR
RoHS
4.7
±20%
70
0.100
680
0.1
LB C3225T6R8MR
RoHS
6.8
±20%
50
0.120
620
0.1
LB C3225T100[]R
RoHS
10
±10%,±20%
23
0.133
540
0.1
LB C3225T150[]R
RoHS
15
±10%,±20%
20
0.195
420
0.1
LB C3225T220[]R
RoHS
22
±10%,±20%
17
0.27
330
0.1
LB C3225T330[]R
RoHS
33
±10%,±20%
13
0.41
300
0.1
LB C3225T470[]R
RoHS
47
±10%,±20%
10
0.67
220
0.1
LB C3225T680[]R
RoHS
68
±10%,±20%
8
1.0
190
0.1
LB C3225T101[]R
RoHS
100
±10%,±20%
6
1.4
150
0.1
・ [] Please specify the Inductance tolerance code(K or M)
Rated current
[mA](max.)
Measuring frequency
[MHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
i_wound_LB_e-E02R01


Similar Part No. - LBC2016T100

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBC2016T100 TAIYO-YUDEN-LBC2016T100 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LBC2016T100 TAIYO-YUDEN-LBC2016T100 Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LBC2016T100 TAIYO-YUDEN-LBC2016T100 Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LBC2016T100K TAIYO-YUDEN-LBC2016T100K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors (LB series)
LBC2016T100K TAIYO-YUDEN-LBC2016T100K Datasheet
283Kb / 3P
   Wire-wound Chip Inductors (LB series)[LBC]
More results

Similar Description - LBC2016T100

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com