Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC2016T3R3M Datasheet(PDF) 9 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBC2016T3R3M
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBC2016T3R3M Datasheet(HTML) 9 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBC2016T3R3M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_CB_LB_reli_e-E02R01
WIRE-WOUND CHIP INDUCTORS (LB SERIES),
WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES),
WIRE-WOUND CHIP INDUCTORS FOR SIGNAL LINES (LB SERIES M TYPE)
RELIABILITY DATA
1.Operating temperature Range
Specified Value
LB, LBC, LBR, LBMF Series
-40~+105℃(Including self-generated heat)
CB, CBC, CBL, CBMF Series
LBM Series
2. Storage Temperature Range(after soldering)
Specified Value
LB, LBC, LBR, LBMF Series
-40~+85℃
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB, CB Series:
Please refer the term of "7. storage conditions" in precautions.
3.Rated Current
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
4.Inductance
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBMF・CBMF・LBM Series
Measuring equipment
:LCR Mater(HP4285A or its equivalent)
5.Q
Specified Value
LB, LBC, LBR, LBMF Series
CB, CBC, CBL, CBMF Series
LBM Series
Within the specified tolerance
Test Methods and
Remarks
LBM Series
Measuring equipment
: LCR Mater(HP4285A or its equivalent)
6.DC Resisitance
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Measuring equipment : DC Ohmmeter (HIOKI 3227 or its equivalent)
7.Self-Resonant Frequency
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Measuring equipment : Impedance analyzer (HP4291A or its equivalent)


Similar Part No. - LBC2016T3R3M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBC2016T3R3M TAIYO-YUDEN-LBC2016T3R3M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Linear Technology
LBC2016T3R3M LINER-LBC2016T3R3M Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
logo
Taiyo Yuden (U.S.A.), I...
LBC2016T3R3M TAIYO-YUDEN-LBC2016T3R3M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LBC2016T3R3M TAIYO-YUDEN-LBC2016T3R3M Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LBC2016T3R3M TAIYO-YUDEN-LBC2016T3R3M Datasheet
283Kb / 3P
   Wire-wound Chip Inductors (LB series)[LBC]
More results

Similar Description - LBC2016T3R3M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com