Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC2016T2R2M Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBC2016T2R2M
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBC2016T2R2M Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBC2016T2R2M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBC2016T2R2M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBC2016T2R2M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBC2016T2R2M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LBC2016T2R2M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LBC2016T2R2M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LBC2016T2R2M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LBC2016T2R2M Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc LBC2016T2R2M Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_CB_LB_reli_e-E02R01
8.Temperature Characteristic
Specified Value
LBM2016
Inductance change : Within±5%
LB1608
LB2012
LBR2012
CB2012
Inductance change : Within±20%
CBL2012
LB2016
CB2016
LB2518
LBR2518
CB2518
LBC3225
CBC3225
LBMF1608
CBMF1608
LBC2016
CBC2016
Inductance change : Within±25%
LBC2518
CBC2518
LB3218
LBC2012
CBC2012
Inductance change : Within±35%
Test Methods and
Remarks
Change of maximum inductance deviation in step 1-5
Step
Temperature(℃)
LB, CB Series
1
20
2
-40
3
20(Reference temperature)
4
+85(Maximum operating temperature)
5
20
9.Rasistance to Flexure of Substrate
Specified Value
LB, LBC, LBR, LBMF Series
No damage.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Warp
: 2mm(LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF Series)
Test substrate : Board according to JIS C0051
Thickness
: 0.8mm(LB・LBMF・CBMF1608)
: 1.0mm(Others)
10.Body Strength
Specified Value
LB, LBC, LBR, LBMF Series
No damage.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBM
Applied force
: 10N
Duration
: 10sec.
LB1608・LBMF1608・CBMF1608
Applied force
: 5N
Duration
: 10sec.
11.Adhesion of terminal electrode
Specified Value
LB, LBC, LBR, LBMF Series
No abnormality.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF
Applied force
: 10N to X and Y directions
Duration
: 5 sec.
Test substrate
: Printed board
LB1608・CBMF1608・LBMF1608
Applied force
: 5N to X and Y directions
Duration
: 5 sec.
Test substrate
: Printed board


Similar Part No. - LBC2016T2R2M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBC2016T2R2M TAIYO-YUDEN-LBC2016T2R2M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LBC2016T2R2M TAIYO-YUDEN-LBC2016T2R2M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LBC2016T2R2M TAIYO-YUDEN-LBC2016T2R2M Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LBC2016T2R2M TAIYO-YUDEN-LBC2016T2R2M Datasheet
283Kb / 3P
   Wire-wound Chip Inductors (LB series)[LBC]
LBC2016T2R2M TAIYO-YUDEN-LBC2016T2R2M Datasheet
362Kb / 3P
   Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
More results

Similar Description - LBC2016T2R2M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com