Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-70567-0283 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # A-70567-0283
Description  2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 26 Circuits, 0.38關m Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-70567-0283 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  A-70567-0283 Datasheet HTML 1Page - Molex Electronics Ltd. A-70567-0283 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Voltage - Maximum
250V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
245
Material Info
Old Part Number
A-70567-0283
Reference - Drawing Numbers
Product Specification
PS-70567
Sales Drawing
SDA-70567-****
This document was generated on 08/29/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - A-70567-0283

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-70567-0283 MOLEX2-A-70567-0283 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 26 Circuits, 0.38關m (15關) Gold, (Au) Selective Plating
A-70567-0283 MOLEX2-A-70567-0283 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 6 Circuits, Tin (Sn) Plating
More results

Similar Description - A-70567-0283

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-80-0329 MOLEX11-15-80-0329 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 32 Circuits, 0.38關m Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
15-80-0229 MOLEX11-15-80-0229 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 22 Circuits, 0.38關m Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
15-80-0249 MOLEX11-15-80-0249 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 24 Circuits, 0.38關m Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
15-80-0509 MOLEX11-15-80-0509 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 50 Circuits, 0.38關m Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
15-80-0289 MOLEX11-15-80-0289 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 28 Circuits, 0.38關m Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
15-80-0309 MOLEX11-15-80-0309 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 30 Circuits, 0.38關m Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
15-80-0209 MOLEX11-15-80-0209 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 20 Circuits, 0.38關m Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
15-80-0409 MOLEX11-15-80-0409 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 40 Circuits, 0.38關m Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
15-80-0369 MOLEX11-15-80-0369 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 36 Circuits, 0.38關m Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
15-80-0449 MOLEX11-15-80-0449 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 44 Circuits, 0.38關m Gold, (Au) Selective PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com