Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH-CHS-134 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # CH-CHS-134
Description  Bi-Directional Couplers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CH-CHS-134 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CH-CHS-134 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CH-CHS-134 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CH-CHS-134 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Bi-Directional Couplers,
10 - 500 MHz
Rev. V3
CH- / CHS-134
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is
considering for development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has
under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline
has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is
not guaranteed.
FP-2 (CH-134)
Features
n
Constant Coupling - Within ± 0.5 dB Max.
n
MIL-STD-202 Screening Available
Description
Bi-Directional Couplers offer the ability to couple the
power in two directions while maintaining directivity.
SF-1 (CHS-134)
Pin Configuration (CHS-134)
Pin No.
Function
Pin No.
Function
1
C
3
A
2
B
4
D
Pin Configuration (CH-134)
Pin No.
Function
Pin No.
Function
1
C
5
A
2
GND
6
GND
3
GND
7
GND
4
B
8
D


Similar Part No. - CH-CHS-134

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CH-CHS-134 MA-COM-CH-CHS-134_15 Datasheet
59Kb / 3P
   Bi-Directional Couplers
More results

Similar Description - CH-CHS-134

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CH-CHS-134 MA-COM-CH-CHS-134_15 Datasheet
59Kb / 3P
   Bi-Directional Couplers
logo
Merrimac Industries, In...
CRP-10N-250 MERRIMAC-CRP-10N-250 Datasheet
59Kb / 1P
   BI-DIRECTIONAL COUPLERS
CRG-10B-255 MERRIMAC-CRG-10B-255 Datasheet
66Kb / 1P
   BI-DIRECTIONAL COUPLERS
logo
SYNERGY MICROWAVE CORPO...
KAP-241 SYNERGY-KAP-241 Datasheet
40Kb / 2P
   BI-DIRECTIONAL COUPLERS
logo
Merrimac Industries, In...
C-114 MERRIMAC-C-114 Datasheet
99Kb / 1P
   BI-DIRECTIONAL COUPLERS
CRF-10A-250 MERRIMAC-CRF-10A-250 Datasheet
32Kb / 1P
   BI-DIRECTIONAL COUPLERS
logo
List of Unclassifed Man...
CRGB ETC1-CRGB Datasheet
63Kb / 1P
   BI-DIRECTIONAL COUPLERS
logo
SYNERGY MICROWAVE CORPO...
SDC-8010 SYNERGY-SDC-8010 Datasheet
154Kb / 1P
   HIGH POWER BI-DIRECTIONAL COUPLERS
logo
M/A-COM Technology Solu...
CH-CHS-137 MA-COM-CH-CHS-137 Datasheet
69Kb / 3P
   19.5 dB Bi-Directional Couplers
CH-CHS-137 MA-COM-CH-CHS-137_15 Datasheet
69Kb / 3P
   19.5 dB Bi-Directional Couplers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com