Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR504ST13 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DCR504ST13
Description  Phase Control Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR504ST13 Datasheet(HTML) 3 Page - Dynex Semiconductor

  DCR504ST13 Datasheet HTML 1Page - Dynex Semiconductor DCR504ST13 Datasheet HTML 2Page - Dynex Semiconductor DCR504ST13 Datasheet HTML 3Page - Dynex Semiconductor DCR504ST13 Datasheet HTML 4Page - Dynex Semiconductor DCR504ST13 Datasheet HTML 5Page - Dynex Semiconductor DCR504ST13 Datasheet HTML 6Page - Dynex Semiconductor DCR504ST13 Datasheet HTML 7Page - Dynex Semiconductor DCR504ST13 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
www.dynexsemi.com
DCR504ST
SURGE RATINGS
Conditions
10ms half sine; T
case = 125
oC
V
R = 50% VRRM - 1/4 sine
10ms half sine; T
case = 125
oC
V
R = 0
Max.
Units
Symbol
Parameter
I
TSM
Surge (non-repetitive) on-state current
I
2tI2t for fusing
I
TSM
Surge (non-repetitive) on-state current
I
2t
I
2t for fusing
231 x 10
3
A
2s
6.8
kA
150x 103
A2s
5.5
kA
THERMAL AND MECHANICAL DATA
dc
Conditions
Min.
Max.
Units
oC/W
-
0.11
Anode dc
Clamping force 4.5kN
with mounting compound
Thermal resistance - case to heatsink
R
th(c-h)
0.02
Double side
-
125
oC
T
vj
Virtual junction temperature
T
stg
Storage temperature range
Reverse (blocking)
Single side
-
Thermal resistance - junction to case
R
th(j-c)
Single side cooled
Symbol
Parameter
Clamping force
4.0
5.0
kN
–55
125
oC
-
On-state (conducting)
-
135
oC
-
0.04
oC/W
oC/W
Cathode dc
-
0.147
oC/W
Double side cooled
-
0.063
oC/W


Similar Part No. - DCR504ST13

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
DCR504ST1212 IRI-DCR504ST1212 Datasheet
862Kb / 6P
   PHASE CONTROL THYRISTOR
DCR504ST1414 IRI-DCR504ST1414 Datasheet
862Kb / 6P
   PHASE CONTROL THYRISTOR
DCR504ST1616 IRI-DCR504ST1616 Datasheet
862Kb / 6P
   PHASE CONTROL THYRISTOR
More results

Similar Description - DCR504ST13

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com