Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-283-PIN Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AT-283-PIN
Description  Digital Attenuator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT-283-PIN Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AT-283-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT-283-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT-283-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AT-283-PIN Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator
15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
Rev. V7
AT-283-PIN
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Attenuation: 0.5 dB Steps to 15.5 dB
• Temperature Stability: ± 0.18 dB from –55°C
to +85°C Typical
• Low DC Power Consumption
• Hermetic Surface Mount Package
• Integral TTL Driver
• 50 Ω Nominal Impedance
• Lead-Free CR-12 Package
• 260°C Reflow Compatible
• RoHS* Compliant
Description
M/A-COM’s AT-283-PIN is a GaAs FET 5-bit digital
attenuator with a 0.5 dB minimum step size and 15.5
dB total attenuation. This attenuator and integral
TTL driver is in a hermetically sealed ceramic 16
lead surface mount package. The AT-283-PIN is
ideally suited for use where accuracy, fast switching,
very low power consumption and low intermodula-
tion products are required. Typical applications in-
clude dynamic range setting in precision receiver
circuits and other gain/leveling control circuits. Envi-
ronmental screening is available. Contact the fac-
tory for information.
Ordering Information
Part Number
Package
AT-283-PIN
Bulk Packaging
MAAD-007229-0001TR
1000 piece reel
MAAD-007229-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF1
9
C5
2
GND
10
+5V
3
GND
11
-5V
4
GND
12
C4
5
GND
13
C3
6
GND
14
C2
7
GND
15
C1
8
RF2
16
GND
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
The metal bottom of the case must be connected to RF and DC
ground.


Similar Part No. - AT-283-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-283-PIN MACOM-AT-283-PIN Datasheet
192Kb / 4P
   Digital Attenuator, 15.5dB,5-Bit,TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-283-PIN MA-COM-AT-283-PIN_15 Datasheet
133Kb / 4P
   Digital Attenuator
More results

Similar Description - AT-283-PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com