Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR1595SW37 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DCR1595SW37
Description  Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1595SW37 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DCR1595SW37 Datasheet HTML 1Page - Dynex Semiconductor DCR1595SW37 Datasheet HTML 2Page - Dynex Semiconductor DCR1595SW37 Datasheet HTML 3Page - Dynex Semiconductor DCR1595SW37 Datasheet HTML 4Page - Dynex Semiconductor DCR1595SW37 Datasheet HTML 5Page - Dynex Semiconductor DCR1595SW37 Datasheet HTML 6Page - Dynex Semiconductor DCR1595SW37 Datasheet HTML 7Page - Dynex Semiconductor DCR1595SW37 Datasheet HTML 8Page - Dynex Semiconductor DCR1595SW37 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DCR1595SW
5/10
www.dynexsemi.com
Parameter
Gate trigger voltage
Gate trigger current
Gate non-trigger voltage
Peak forward gate voltage
Peak forward gate voltage
Peak reverse gate voltage
Peak forward gate current
Peak gate power
Mean gate power
Test Conditions
V
DRM = 5V, Tcase = 25
oC
V
DRM = 5V,
T
case = 25
oC
At V
DRM Tcase = 125
oC
Anode positive with respect to cathode
Anode negative with respect to cathode
-
Anode positive with respect to cathode
See table fig. 8 and 9
-
Symbol
V
GT
I
GT
V
GD
V
FGM
V
FGN
V
RGM
I
FGM
P
GM
P
G(AV)
GATE TRIGGER CHARACTERISTICS AND RATINGS
Max.
4
400
0.25
30
0.25
5
30
150
10
Units
V
mA
V
V
V
V
A
W
W
CURVES
Fig.2 Maximum (limit) on-state characteristics
Fig.3 Maximum (limit) on-state characteristics
V
TM EQUATION
V
TM
= A + Bln (I
T
) + C.I
T
+D.
√I
T
Where
A = 0.02866651
B = 0.1590393
C = 1.947584x10–4
D = –5.23298x10–3
these values are valid for T
j
= 125˚C for I
T
500A to 10000A
0.5
1
1.5
2
2.5
3
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
Instantaneous on-state voltage, VT - (V)
Tj = 125˚C
0.6
0.8
1.0
1.2
1.4
1.6
0
500
1000
1500
2000
2500
3000
3500
4000
Instantaneous on-state voltage, VT - (V)
Tj = 125˚C
1.8


Similar Part No. - DCR1595SW37

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1595SW47 DYNEX-DCR1595SW47 Datasheet
176Kb / 10P
   Phase Control Thyristor
DCR1595SW48 DYNEX-DCR1595SW48 Datasheet
176Kb / 10P
   Phase Control Thyristor
DCR1595SW49 DYNEX-DCR1595SW49 Datasheet
176Kb / 10P
   Phase Control Thyristor
DCR1595SW50 DYNEX-DCR1595SW50 Datasheet
176Kb / 10P
   Phase Control Thyristor
DCR1595SW51 DYNEX-DCR1595SW51 Datasheet
176Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR1595SW37

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com