Part Name
         Description
DCR1674SZ

 Phase Control Thyristor ( 8 Page)


DYNEX
100% 
Zoom Out Zoom In
   
 5 page
background image
5/8
DCR1674SZ
www.dynexsemi.com
CURVES
Fig.2 Maximum (limit) on-state characteristics
Fig.3 Dissipation curves
V
TM
Equation:-
V
TM
= A + Bln (I
T
) + C.I
T
+D.
√I
T
Where
A = 0.6844942
B = –0.02958434
C = 7.203702 x 10–5
D = 0.01015201
these values are valid for T
j
= 125˚C for I
T
500A to 10000A
0.5
1.0
1.5
2.0
2.5
Instantaneous on-state voltage, VT - (V)
0
2000
4000
6000
8000
10000
Measured under pulse conditions
Tj = 125˚C
0
2000
4000
6000
8000
Mean on-state current, IT(AV) - (A)
0
2000
4000
6000
8000
10000
1.
2.
3.
4.
1. 6 phase
2. 3 phase
3. Halfwave
4. d.c.



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT503PHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
AT738PHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
DCR1279SDPhase Control Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DCR1675SZPhase Control Thyristor 1 2 3 4 5 MoreDynex Semiconductor
AT505PHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
AT738LTPHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
DCR1374SBAPhase Control Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DCR504STPhase Control Thyristor 1 2 3 4 5 MoreDynex Semiconductor
5STP03X6500Phase Control Thyristor 1 2 3 4 5 List of Unclassifed Manufacturers
AT603PHASE CONTROL THYRISTOR 1 2 3 Power Semiconductors

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl