Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR1673SZ28 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DCR1673SZ28
Description  Phase Control Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1673SZ28 Datasheet(HTML) 6 Page - Dynex Semiconductor

  DCR1673SZ28 Datasheet HTML 1Page - Dynex Semiconductor DCR1673SZ28 Datasheet HTML 2Page - Dynex Semiconductor DCR1673SZ28 Datasheet HTML 3Page - Dynex Semiconductor DCR1673SZ28 Datasheet HTML 4Page - Dynex Semiconductor DCR1673SZ28 Datasheet HTML 5Page - Dynex Semiconductor DCR1673SZ28 Datasheet HTML 6Page - Dynex Semiconductor DCR1673SZ28 Datasheet HTML 7Page - Dynex Semiconductor DCR1673SZ28 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/8
www.dynexsemi.com
DCR1673SZ
Fig.6 Transient thermal impedance - junction to case
Fig.4 Recovered charge
Fig.5 Gate characteristics
Fig.7 Surge (non-repetitive) on-state current vs time (with
50% V
RRM
at T
case
= 125˚C)
100000
10000
1000
1
10
100
Rate of decay of on-state current, dI/dt - (A/µs)
IT = 3000A
Tj = 125˚C
100
10
1
0.1
0.001
0.1
0.01
1.0
10
VFGM
Lower
Lim
it 1%
Upper
Limit
99%
Tj = 25˚C
VGD
Gate trigger current, IGT - (A)
100W
50W
20W
10W
IGD
IFGM
Table gives pulse power PGM in Watts
Pulse Width
µs
100
200
500
1ms
10ms
50
150
150
150
150
20
100
150
150
150
100
-
400
150
125
100
25
-
Frequency Hz
10
1
0.1
0.01
0.001
Time - (s)
0.1
0.01
0.001
0.0001
Double side cooled
Anode side cooled
100
Conduction
d.c.
Halfwave
3 phase 120˚
6 phase 60˚
Effective thermal resistance
Junction to case ˚C/W
Double side
0.0065
0.0072
0.0073
0.0076
Anode side
0.0130
0.0137
0.0138
0.0141
110
5
10
1
50
Cycles at 50Hz
ms
Duration
0
50
100
150
200
I2t
0
10
20
30


Similar Part No. - DCR1673SZ28

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1673SA DYNEX-DCR1673SA Datasheet
101Kb / 8P
   Phase Control Thyristor
DCR1673SA27 DYNEX-DCR1673SA27 Datasheet
101Kb / 8P
   Phase Control Thyristor
More results

Similar Description - DCR1673SZ28

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com