Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR1576SY42 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DCR1576SY42
Description  Phase Control Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1576SY42 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DCR1576SY42 Datasheet HTML 1Page - Dynex Semiconductor DCR1576SY42 Datasheet HTML 2Page - Dynex Semiconductor DCR1576SY42 Datasheet HTML 3Page - Dynex Semiconductor DCR1576SY42 Datasheet HTML 4Page - Dynex Semiconductor DCR1576SY42 Datasheet HTML 5Page - Dynex Semiconductor DCR1576SY42 Datasheet HTML 6Page - Dynex Semiconductor DCR1576SY42 Datasheet HTML 7Page - Dynex Semiconductor DCR1576SY42 Datasheet HTML 8Page - Dynex Semiconductor DCR1576SY42 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
www.dynexsemi.com
DCR1576SY
FEATURES
s Double Side Cooling
s High Surge Capability
s High Mean Current
s Fatigue Free
APPLICATIONS
s High Power Drives
s High Voltage Power Supplies
s DC Motor Control
VOLTAGE RATINGS
ORDERING INFORMATION
When ordering, select the required part number shown in the
Voltage Ratings selection table.
For example:
DCR1575SY36
Note: Please use the complete part number when ordering
and quote this number in any future correspondance relating
to your order.
KEY PARAMETERS
V
DRM
5200V
I
T(AV)
2162A
I
TSM
40000A
dVdt*
1000V/
µs
dI/dt
300A/
µs
*Higher dV/dt selections available
DCR1576SY
Phase Control Thyristor
Advance Information
Replaces January 2000 version, DS4355-4.0
DS4355-5.0 July 2001
DCR1576SY52
DCR1576SY50
DCR1576SY48
DCR1576SY46
DCR1576SY44
DCR1576SY42
Conditions
T
vj = 0˚ to 125˚C,
I
DRM = IRRM = 500mA,
V
DRM, VRRM tp = 10ms,
V
DSM & VRSM =
V
DRM & VRRM + 100V
Respectively
Lower voltage grades available.
Type Number
Repetitive Peak
Voltages
V
DRM VRRM
V
5200
5000
4800
4600
4400
4200
Outline type code: Y
See Package Details for further information.
(The DCR1576 is also available in a thin package, type code V.
Please contact Customer Services for more information).
Fig. 1 Package outline


Similar Part No. - DCR1576SY42

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1576SY52 DYNEX-DCR1576SY52 Datasheet
729Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR1576SY42

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com