Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR1595SW Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DCR1595SW
Description  Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1595SW Datasheet(HTML) 3 Page - Dynex Semiconductor

  DCR1595SW Datasheet HTML 1Page - Dynex Semiconductor DCR1595SW Datasheet HTML 2Page - Dynex Semiconductor DCR1595SW Datasheet HTML 3Page - Dynex Semiconductor DCR1595SW Datasheet HTML 4Page - Dynex Semiconductor DCR1595SW Datasheet HTML 5Page - Dynex Semiconductor DCR1595SW Datasheet HTML 6Page - Dynex Semiconductor DCR1595SW Datasheet HTML 7Page - Dynex Semiconductor DCR1595SW Datasheet HTML 8Page - Dynex Semiconductor DCR1595SW Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DCR1595SW
3/10
www.dynexsemi.com
Parameter
Surge (non-repetitive) on-state current
I2t for fusing
Surge (non-repetitive) on-state current
I2t for fusing
Test Conditions
10ms half sine, T
case = 125˚C
V
R = 50% VRRM - 1/4 sine
10ms half sine, T
case = 125˚C
V
R = 0
Symbol
I
TSM
I2t
I
TSM
I2t
SURGE RATINGS
Units
kA
A2s
kA
A2s
Max.
43.0
9.25 x 106
53.75
14.4 x 106
Parameter
Thermal resistance - junction to case
Thermal resistance - case to heatsink
Virtual junction temperature
Storage temperature range
Clamping force
Test Conditions
Double side cooled
DC
Single side cooled
Anode DC
Cathode DC
Clamping force 70.0kN
Double side
(with mounting compound)
Single side
On-state (conducting)
Reverse (blocking)
THERMAL AND MECHANICAL RATINGS
Symbol
R
th(j-c)
R
th(c-h)
T
vj
T
stg
F
m
Units
˚CW
˚CW
˚CW
˚CW
˚CW
˚C
˚C
˚C
kN
Max.
0.008
0.016
0.016
0.001
0.002
135
125
125
77.0
Min.
-
-
-
-
-
-
-
–55
63.0


Similar Part No. - DCR1595SW

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1595SW47 DYNEX-DCR1595SW47 Datasheet
176Kb / 10P
   Phase Control Thyristor
DCR1595SW48 DYNEX-DCR1595SW48 Datasheet
176Kb / 10P
   Phase Control Thyristor
DCR1595SW49 DYNEX-DCR1595SW49 Datasheet
176Kb / 10P
   Phase Control Thyristor
DCR1595SW50 DYNEX-DCR1595SW50 Datasheet
176Kb / 10P
   Phase Control Thyristor
DCR1595SW51 DYNEX-DCR1595SW51 Datasheet
176Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR1595SW

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com