Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR1576SY52 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DCR1576SY52
Description  Phase Control Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1576SY52 Datasheet(HTML) 6 Page - Dynex Semiconductor

  DCR1576SY52 Datasheet HTML 1Page - Dynex Semiconductor DCR1576SY52 Datasheet HTML 2Page - Dynex Semiconductor DCR1576SY52 Datasheet HTML 3Page - Dynex Semiconductor DCR1576SY52 Datasheet HTML 4Page - Dynex Semiconductor DCR1576SY52 Datasheet HTML 5Page - Dynex Semiconductor DCR1576SY52 Datasheet HTML 6Page - Dynex Semiconductor DCR1576SY52 Datasheet HTML 7Page - Dynex Semiconductor DCR1576SY52 Datasheet HTML 8Page - Dynex Semiconductor DCR1576SY52 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
www.dynexsemi.com
DCR1576SY
Fig.6 Transient thermal impedance - junction to case
Fig.4 Stored charge
Fig.5 Gate characteristics
100
10
1
0.1
0.001
0.1
0.01
1.0
10
Lower
Limit
1%
Upper
Limit
99%
Tj = 25˚C
Gate trigger current, IGT - (A)
5W
50W
20W
10W
2W
Tj = -40˚C
Tj = 125˚C
Table gives pulse power PGM in Watts
Pulse Width
µs
100
200
500
1ms
10ms
50
150
150
150
150
20
100
150
150
150
100
-
400
150
125
100
25
-
Frequency Hz
0.001
0.01
0.1
1.0
10
100
Time - (s)
0.1
0.01
0.001
0.0001
Double side cooled
Single side cooled
Conduction
d.c.
half wave
3 phase 120˚
6 phase 60˚
Effective thermal resistance
Junction to case - ˚C/W
Double
sided
0.0095
0.0105
0.0112
0.0139
Single
sided
0.019
0.020
0.0207
0.0234
10000
1000
100
0.1
1.0
10
Rate of decay of on-state current, dI/dt - (A/µs)
100
100000
100
10
1
1000
Conditions:
Tj = 125˚C, VR = 1600V,
IT = 2000A
Snubber 1µF, 11 Ohms
Min. IRR
Max. QS
Min. QS
Max. IRR
IRM
QS
tp = 2ms
IT
dI/dt
Fig.7 Transient thermal impedance - junction to heatsink
0.001
0.01
0.1
1.0
10
100
Time - (s)
0.1000
0.0100
0.0010
0.0001
Single side cooled
Double side cooled
Conduction
d.c.
Halfwave
3 phase 120˚
6 phase 60˚
Effective Thermal Resistance
Junction to heatsink - ˚C/W
Double
Sided
0.0115
0.0125
0.0132
0.0159
Single
Sided
0.0230
0.0240
0.0247
0.0274


Similar Part No. - DCR1576SY52

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1576SY52 DYNEX-DCR1576SY52 Datasheet
729Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR1576SY52

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com