Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR1474SY14 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DCR1474SY14
Description  Phase Control Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1474SY14 Datasheet(HTML) 6 Page - Dynex Semiconductor

  DCR1474SY14 Datasheet HTML 1Page - Dynex Semiconductor DCR1474SY14 Datasheet HTML 2Page - Dynex Semiconductor DCR1474SY14 Datasheet HTML 3Page - Dynex Semiconductor DCR1474SY14 Datasheet HTML 4Page - Dynex Semiconductor DCR1474SY14 Datasheet HTML 5Page - Dynex Semiconductor DCR1474SY14 Datasheet HTML 6Page - Dynex Semiconductor DCR1474SY14 Datasheet HTML 7Page - Dynex Semiconductor DCR1474SY14 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/8
www.dynexsemi.com
DCR1474SY
Fig.6 Transient thermal impedance - junction to case
Fig.7 Surge (non-repetitive) on-state current vs time (with
50% V
RSM
at T
case
= 125˚C)
Fig.4 Stored charge
Fig.5 Gate characteristics
0.1
1.0
10
100
Rate of decay of on-state current dI/dt - (A/µs)
10000
1000
100
Tj = 125˚C
IT = 1000A
IRM
QS
tp = 3ms
IT
dI/dt
10
1
0.1
0.01
0.001
Gate trigger current, IGT - (A)
100
10
1
0.1
100W
50W
20W
10W
5W
2W
Upper
limit
99%
VFGM
Lower
limit
1%
Pulse width
µs
100
200
500
1ms
10ms
50
150
150
150
150
20
100
150
150
150
100
-
400
150
125
100
25
-
Pulse frequency Hz
Table gives pulse power PGM in Watts
10
1
0.1
0.01
0.001
Time - (s)
0.1
0.01
0.001
0.0001
Double side cooled
Anode side cooled
100
Conduction
d.c.
Halfwave
3 phase 120˚
6 phase 60˚
Effective thermal resistance
Junction to case ˚C/W
Double side
0.0095
0.0105
0.0112
0.0139
Anode side
0.019
0.020
0.0207
0.0234
80
60
40
20
0
110
1
2 3 45
50
ms
Cycles at 50Hz
Duration
4.0
6.0
I2t
I2t = Î2 x t
2
9.0
100
10
20 30
5.0
7.0
8.0
10.0
11.0
12.0


Similar Part No. - DCR1474SY14

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1474SY18 DYNEX-DCR1474SY18 Datasheet
729Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR1474SY14

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com