Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR1374SBA16 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # DCR1374SBA16
Description  Phase Control Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1374SBA16 Datasheet(HTML) 7 Page - Dynex Semiconductor

  DCR1374SBA16 Datasheet HTML 1Page - Dynex Semiconductor DCR1374SBA16 Datasheet HTML 2Page - Dynex Semiconductor DCR1374SBA16 Datasheet HTML 3Page - Dynex Semiconductor DCR1374SBA16 Datasheet HTML 4Page - Dynex Semiconductor DCR1374SBA16 Datasheet HTML 5Page - Dynex Semiconductor DCR1374SBA16 Datasheet HTML 6Page - Dynex Semiconductor DCR1374SBA16 Datasheet HTML 7Page - Dynex Semiconductor DCR1374SBA16 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DCR1374SBA
7/9
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact your nearest Customer Service Centre. All dimensions in mm, unless
stated otherwise. DO NOT SCALE.
Cathode
Gate
Ø1.5
Hole Ø3.6 x 2.1 approx (In both electrodes)
Anode
Ø63 ± 1
Ø92 max
Ø63 ± 1
Ø102 max
Cathode tab
Nominal weight: 1100g
Clamping force: 40kN ±10%
Lead length: 420mm
Lead terminal connector: M4 ring
Package outine type code: MU140


Similar Part No. - DCR1374SBA16

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1375SBA DYNEX-DCR1375SBA Datasheet
107Kb / 8P
   Phase Control Thyristor
DCR1375SBA24 DYNEX-DCR1375SBA24 Datasheet
107Kb / 8P
   Phase Control Thyristor
DCR1375SBA24 DYNEX-DCR1375SBA24 Datasheet
781Kb / 9P
   Phase Control Thyristor
DCR1375SBA25 DYNEX-DCR1375SBA25 Datasheet
107Kb / 8P
   Phase Control Thyristor
DCR1375SBA25 DYNEX-DCR1375SBA25 Datasheet
781Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR1374SBA16

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com