Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5314-1 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # 1N5314-1
Description  Current Regulator Diode Series 1N5283-1 thru 1N5314-1 & 1N7048-1 thru 1N7055-1
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

1N5314-1 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  1N5314-1 Datasheet HTML 1Page - Aeroflex Circuit Technology 1N5314-1 Datasheet HTML 2Page - Aeroflex Circuit Technology 1N5314-1 Datasheet HTML 3Page - Aeroflex Circuit Technology 1N5314-1 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TEL: 888-641-SEMI (7364) • metelics-sales@aeroflex.com • www.aeroflex.com/metelics
Revision Date: 8/29/2012
2
Electrical Specifications @ +25 ºC (Unless Otherwise Specified)
Type
Number
Regulator Current
lP (mA)@ VS = 25 V
Minimum
Dynamic
Impedance
@ VS = 25 V
ZS (M)
(Note 1)
Minimum
Knee
Inpedance
@ VK = 6.0 V
ZK (MΩ)
(Note 2)
Maximum
Limiting
Voltage
@ IL = 0.8 lS (min)
VL (volts)
Peak
Operating
Voltage
Volts
Nominal
Minimum
Maximum
1N5283-1
1N5284-1
1N5285-1
1N5286-1
1N5287-1
0.22
0.24
0.27
0.30
0.33
0.198
0.216
0.243
0.270
0.297
0.242
0.264
0.297
0.330
0.363
25.0
19.0
14.0
9.0
8.0
2.75
2.35
1.95
1.60
1.35
1.00
1.00
1.00
1.00
1.00
100
100
100
100
100
1N5288-1
1N5289-1
1N5290-1
1N5291-1
1N5292-1
0.39
0.43
0.47
0.56
0.62
0.351
0.387
0.423
0.504
0.558
0.429
0.473
0.517
0.616
0.682
4.10
3.30
2.70
1.90
1.55
1.000
0.870
0.750
0.560
0.470
1.05
1.05
1.05
1.10
1.13
100
100
100
100
100
1N5293-1
1N5294-1
1N5295-1
1N5296-1
1N5297-1
0.68
0.75
0.82
0.91
1.00
0.612
0.675
0.738
0.819
0.900
0.748
0.825
0.902
1.001
1.100
1.35
1.15
1.00
0.88
0.80
0.400
0.335
0.290
0240
0.205
1.15
1.20
1.25
1.29
1.35
100
100
100
100
100
1N5298-1
1N5299-1
1N5300-1
1N5301-1
1N5302-1
1.10
1.20
1.30
1.40
1.50
0.99
1.08
1.17
1.26
1.35
1.21
1.32
1.43
1.54
1.65
0.70
0.64
0.58
0.54
0.51
0.180
0.155
0.135
0.115
0.105
1.40
1.45
1.50
1.55
1.60
100
100
100
100
100
1N5303-1
1N5304-1
1N5305-1
1N5306-1
1N5307-1
1.60
1.80
2.00
2.20
2.40
1.44
1.62
1.80
1.98
2.16
1.76
1.98
2.20
2.42
2.54
0.475
0.420
0.395
0.370
0.345
0.092
0.074
0.061
0.052
0.044
1.65
1.75
1.85
1.95
2.00
100
100
100
100
100
1N5308-1
1N5309-1
1N5310-1
1N5311-1
1N5312-1
2.70
3.00
3.30
3.60
3.90
2.43
2.70
2.97
3.24
3.51
2.97
3.30
3.63
3.96
4.29
0.320
0.300
0.280
0.265
0.255
0.035
0.029
0.024
0.020
0.017
2.15
2.25
2.35
2.50
2.60
100
100
100
100
100
1N5313-1
1N5314-1
4.30
4.70
3.87
4.23
4.73
5.17
0.245
0.235
0.014
0.012
2.75
2.90
100
100
1N7048-1
1N7049-1
1N7050-1
1N7051-1
5.10
5.60
6.20
6.80
4.59
5.04
5.58
6.12
5.61
6.16
6.82
7.48
100
90
80
70
4.0
4.0
3.0
2.0
3.67
4.03
4.46
4.90
80
80
70
70
1N7052-1
1N7053-1
1N7054-1
1N7055-1
7.50
8.20
9.10
10.00
6.75
7.38
8.19
9.00
8.25
9.02
10.01
11.10
50
30
20
10
1,5
1.5
1.0
1.0
5.40
5.90
6.55
7.20
60
60
50
50
NOTE 1: ZS is derived by superimposing A 90 Hz RMS signal equal to 10% of VS on VS
NOTE 2: ZK is derived by superimposing A 90Hz RMS signal equal to 10% of VK on VK
1N5283-1 thru 1N5314-1 &
1N7048-1 thru 1N7055-1


Similar Part No. - 1N5314-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5314-1 CDI-DIODE-1N5314-1 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Microsemi Corporation
1N5314-1 MICROSEMI-1N5314-1 Datasheet
30Kb / 1P
   CURRENT REGULATOR DIODES
logo
Aeroflex Circuit Techno...
1N5314-1 AEROFLEX-1N5314-1 Datasheet
517Kb / 4P
   Current Regulator Diode Series
logo
Microsemi Corporation
1N5314-1 MICROSEMI-1N5314-1 Datasheet
223Kb / 6P
   CURRENT REGULATOR DIODES
logo
M/A-COM Technology Solu...
1N5314-1 MA-COM-1N5314-1 Datasheet
726Kb / 5P
   High Source Impedance
More results

Similar Description - 1N5314-1

ManufacturerPart #DatasheetDescription
logo
MMD Components
USAA1 MMD-USAA1 Datasheet
55Kb / 1P
   UM-1 Thru-Hole Crystal
logo
NTE Electronics
NTE142A NTE-NTE142A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
logo
List of Unclassifed Man...
0R ETC-0R Datasheet
135Kb / 2P
   “0R” Series – 1/8" thru 3/4" Ports
logo
Amphenol Corporation
04410310003 AMPHENOL-04410310003 Datasheet
203Kb / 1P
   PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
04410310004 AMPHENOL-04410310004 Datasheet
203Kb / 1P
   PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000102 AMPHENOL-0441041000102 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000302 AMPHENOL-0441041000302 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000402 AMPHENOL-0441041000402 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000202 AMPHENOL-0441041000202 Datasheet
209Kb / 1P
   RECEPTACLE CONECTOR MINIATURE 1 THRU 6 CONTACT
04410310002 AMPHENOL-04410310002 Datasheet
203Kb / 1P
   PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com