Part Name
         Description
DCR1279SD

 Phase Control Thyristor ( 9 Page)


DYNEX
100% 
Zoom Out Zoom In
   
 6 page
background image
DCR1279SD
6/9
Fig.3 Stored charge
Fig.4 Gate characteristics
0.1
1.0
10
100
Rate of decay of on-state current dI/dt - (A/
µs)
10000
1000
100
Conditions:
T
j = 125˚C
Q
S is total integral stored charge
I
T = 1000A
I
RM
Q
S
t
p
I
T
dI/dt
10
1
0.1
0.01
0.001
Gate trigger current I
GT - (A)
100
10
1
0.1
100W
50W
20W
10W
5W
2W
T
j = 125˚C
T
j = -40˚C
T
j = 25˚C
Upper
limit
99%
V
FGM
I
FGM
Lower
limit
1%
Pulse width
µs
100
200
500
1ms
10ms
50
150
150
150
150
20
100
150
150
150
100
-
400
150
125
100
25
-
Pulse frequency Hz
Table gives pulse power P
GM in Watts



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT503PHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
AT738PHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
DCR1374SBAPhase Control Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DCR1675SZPhase Control Thyristor 1 2 3 4 5 MoreDynex Semiconductor
AT505PHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
AT738LTPHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
DCR1375SBAPhase Control Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DCR504STPhase Control Thyristor 1 2 3 4 5 MoreDynex Semiconductor
5STP03X6500Phase Control Thyristor 1 2 3 4 5 List of Unclassifed Manufacturers
AT603PHASE CONTROL THYRISTOR 1 2 3 Power Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl