Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

802-RF422.5M-F Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 802-RF422.5M-F
Description  CDMA 450 L-Band, RF-Rx SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

802-RF422.5M-F Datasheet(HTML) 1 Page - Oscilent Corporation

  802-RF422.5M-F Datasheet HTML 1Page - Oscilent Corporation 802-RF422.5M-F Datasheet HTML 2Page - Oscilent Corporation 802-RF422.5M-F Datasheet HTML 3Page - Oscilent Corporation 802-RF422.5M-F Datasheet HTML 4Page - Oscilent Corporation 802-RF422.5M-F Datasheet HTML 5Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0522
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2010
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
802-RF422.5M-F
CDMA 450 L-Band, RF-Rx SAW Filter
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Performance
o
VSWR
o
Smith Chart
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 802-RF422.5M-F

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF422.25M-B OSCILENT-802-RF422.25M-B Datasheet
530Kb / 3P
   CDMA450(L-Band), RF-Rx SAW Filter
802-RF422.25M-B OSCILENT-802-RF422.25M-B_14 Datasheet
144Kb / 5P
   CDMA 450 L-Band, RF-Rx SAW Filter
802-RF422.75M-E OSCILENT-802-RF422.75M-E Datasheet
144Kb / 5P
   CDMA 450 L-Band, RF-Rx SAW Filter
More results

Similar Description - 802-RF422.5M-F

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA422FM TRANSKO-TA422FM Datasheet
358Kb / 4P
   CDMA 450 L-Band, RF-Rx SAW Filter
Revision 0: June 2008
logo
Oscilent Corporation
803-RF422.5M-F OSCILENT-803-RF422.5M-F Datasheet
192Kb / 5P
   CDMA 450 L-Band, RF/Rx SAW Filter
logo
Transko Electronics, In...
TA422EM TRANSKO-TA422EM Datasheet
307Kb / 4P
   CDMA 450 L-Band, RF-Rx SAW Filter
Revision 0: March 2007
logo
Oscilent Corporation
802-RF422.75M-E OSCILENT-802-RF422.75M-E Datasheet
144Kb / 5P
   CDMA 450 L-Band, RF-Rx SAW Filter
802-RF422.25M-B OSCILENT-802-RF422.25M-B_14 Datasheet
144Kb / 5P
   CDMA 450 L-Band, RF-Rx SAW Filter
logo
Transko Electronics, In...
TA422BM TRANSKO-TA422BM Datasheet
307Kb / 4P
   CDMA 450 L-Band, RF-Rx SAW Filter
Revision 0: May 2006
TA422BP TRANSKO-TA422BP Datasheet
319Kb / 4P
   CDMA 450 L-Band, RF-Rx SAW Filter
Revision 0: December 2009
TA422FP TRANSKO-TA422FP Datasheet
371Kb / 4P
   CDMA 450 L-Band, RF-Rx SAW Filter
Revision 0: June 2008
TA422CM1 TRANSKO-TA422CM1 Datasheet
354Kb / 4P
   CDMA 450 L-Band, Balanced RF-Rx SAW Filter
Revision 0: November 2006
logo
Oscilent Corporation
862-RF422.75M-C OSCILENT-862-RF422.75M-C Datasheet
138Kb / 5P
   CDMA 450 L-Band, Balanced RF/Rx SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com