Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6467 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N6467
Description  Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6467 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N6467 Datasheet HTML 1Page - Microsemi Corporation 1N6467 Datasheet HTML 2Page - Microsemi Corporation 1N6467 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Voidless-Hermetically-Sealed Unidirectional
Transient Suppressors
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2008
6-11-2008 REV C
S C O T TS DALE DIVISION
1N6461 thru 1N6468
DESCRIPTION
APPEARANCE
This
series
of
industry
recognized
voidless-hermetically-sealed
Unidirectional
Transient Voltage Suppressor (TVS) designs is military qualified to MIL-PRF-
19500/551 and are ideal for high-reliability applications where a failure cannot be
tolerated. They provide a Working Peak “Standoff” Voltage selection from 5.0 to 51.6
Volts with 500 W ratings. They are very robust in hard-glass construction and also use
an internal metallurgical bond identified as Category I for high reliability applications.
The 500 W series is military qualified to MIL-PRF-19500/551. These devices are also
available in a surface mount MELF package configuration by adding a “US” suffix (see
separate data sheet for 1N6461US thru 1N6468US). Microsemi also offers numerous
other TVS products to meet higher and lower peak pulse power and voltage ratings in
both through-hole and surface-mount packages.
“E” Package
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• High surge current and peak pulse power provides
transient voltage protection for sensitive circuits
• Triple-layer passivation
• Internal “Category I” metallurgical bonds
• Voidless hermetically sealed glass package
• JAN/TX/TXV military qualifications available per MIL-
PRF-19500/551 by adding JAN, JANTX, or JANTXV
prefix
• Further options for screening in accordance with MIL-
PRF-19500 for JANS by using a “SP” prefix, e.g.
SP6462, SP6468, etc.
• Surface Mount equivalents are also available in a
square-end-cap MELF configuration with a “US” suffix
(see separate data sheet)
• Military and other high reliability transient protection
• Extremely robust construction
• Working Peak “Standoff” Voltage (V
WM) from 5.0 to
51.6 V
• Available as 500 W Peak Pulse Power (P
PP)
• ESD and EFT protection per IEC61000-4-2 and
IEC61000-4-4 respectively
• Secondary lightning protection per select levels in
IEC61000-4-5
• Flexible axial-leaded mounting terminals
• Nonsensitive to ESD per MIL-STD-750 Method
1020
• Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating & Storage Temperature: -55oC to +175oC
• Peak Pulse Power at 25oC: 500 Watts @ 10/1000 µs
(also see Figures 1,2 and 4)
• Impulse repetition rate (duty factor): 0.01%
• Forward Surge Current: 80 Amps@ 8.33 ms one-half
sine wave
• Forward Voltage: 1.5 V @ 1 Amp dc and 4.8 V at 100
Amps (pulsed)
• Steady-State Power: 2.5 Watts @ T
A = 25
oC (see
note below and Figure 4)
• Thermal Resistance @ 3/8 inch lead length: 60 oC/W
• Solder Temperatures: 260oC for 10 s (maximum)
• CASE: Hermetically sealed voidless hard glass
with Tungsten slugs
• TERMINATIONS: Axial-leads are Tin/Lead (Sn/Pb)
over copper
• MARKING: Body painted and part number, etc.
• POLARITY: Cathode band
• Tape & Reel option: Standard per EIA-296
• Weight: 750 mg
• See package dimensions on last page
NOTE: Steady-state power ratings with reference to ambient are for PC boards where thermal resistance from
mounting point to ambient is sufficiently controlled where TJ(MAX) is not exceeded.


Similar Part No. - 1N6467

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6467 SEMTECH-1N6467 Datasheet
24Kb / 2P
   QPL 500 Watt Axial Leaded TVS
logo
Microsemi Corporation
1N6467 MICROSEMI-1N6467 Datasheet
63Kb / 2P
   TRANSIENT SUPPRESSORS
1N6467 MICROSEMI-1N6467 Datasheet
74Kb / 2P
   TRANSEINT SUPPRESSOR
1N6467 MICROSEMI-1N6467 Datasheet
68Kb / 2P
   HIGH SUGRE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS.
1N6467 MICROSEMI-1N6467 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
More results

Similar Description - 1N6467

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6461 MICROSEMI-1N6461_08 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
JANTX1N6467US MICROSEMI-JANTX1N6467US Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JANTX1N6461US MICROSEMI-JANTX1N6461US Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JANTX1N6464 MICROSEMI-JANTX1N6464 Datasheet
529Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
1N6469US MICROSEMI-1N6469US_07 Datasheet
185Kb / 3P
   Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient Suppressors
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
1N6469 MICROSEMI-1N6469 Datasheet
331Kb / 3P
   Voidless-Hermetically-Sealed Unidirectiona Transient Suppressors
1N6461US MICROSEMI-1N6461US Datasheet
310Kb / 3P
   Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient
1N8149 MICROSEMI-1N8149 Datasheet
420Kb / 6P
   Voidless-Hermetically-Sealed Unidirectional 150 W Low-Capacitance Transient Voltage Suppressors
Rev x
1N6138A MICROSEMI-1N6138A Datasheet
509Kb / 7P
   Voidless Hermetically Sealed Bidirectional Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com