Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8517-C-IS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SI8517-C-IS
Description  Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI8517-C-IS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SI8517-C-IS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI8517-C-IS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI8517-C-IS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI8517-C-IS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI8517-C-IS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8517-C-IS Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8517-C-IS Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8517-C-IS Datasheet HTML 9Page - List of Unclassifed Manufacturers SI8517-C-IS Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Si85xx
6
Preliminary Rev. 0.4
Table 3. Insulation and Safety-Related Specifications
Parameter
Symbol
Test Condition
Value
Unit
SOIC-20
Minimum Air Gap (Clearance)
L(1O1)
7.6 min
mm
Minimum External Tracking (Creepage)
L(1O2)
7.6 min
mm
Minimum Internal Gap
(Internal Clearance)
0.2
mm
Tracking Resistance
(Comparative Tracking Index)
CTI
DIN IEC 60112/VDE 0303 Part 1
>175
V
Resistance (Input-Output)1
RIO
1012
Capacitance (Input-Output)1
CIO
f=1 MHz
1.4
pF
Input Capacitance2
CI
4.0
pF
Notes:
1. To determine resistance and capacitance, the Si85xx is converted into a 2-terminal device. Pins 1–10 are shorted
together to form the first terminal and pins 11–20 are shorted together to form the second terminal. The parameters are
then measured between these two terminals.
2. Measured from input pin to ground.
Table 4. IEC 60664-1 (VDE 0884 Part 2) Ratings
Parameter
Test Conditions
Specification
SOIC-20
Basic Isolation Group
Material Group
IIIa
Installation Classification
Rated Mains Voltages < 150 VRMS
I-IV
Rated Mains Voltages < 300 VRMS
I-IV
Rated Mains Voltages < 400 VRMS
I-IV
Rated Mains Voltages < 600 VRMS
I-IV
Rated Mains Voltages < 1000 VRMS
I-III


Similar Part No. - SI8517-C-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8517-B-GM SILABS-SI8517-B-GM Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
More results

Similar Description - SI8517-C-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI85XX SILABS-SI85XX Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com