Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HOA0901-011 Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # HOA0901-011
Description  Infrared Sensors Line Guide
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HOA0901-011 Datasheet(HTML) 6 Page - Honeywell Accelerometers

Back Button HOA0901-011 Datasheet HTML 2Page - Honeywell Accelerometers HOA0901-011 Datasheet HTML 3Page - Honeywell Accelerometers HOA0901-011 Datasheet HTML 4Page - Honeywell Accelerometers HOA0901-011 Datasheet HTML 5Page - Honeywell Accelerometers HOA0901-011 Datasheet HTML 6Page - Honeywell Accelerometers HOA0901-011 Datasheet HTML 7Page - Honeywell Accelerometers HOA0901-011 Datasheet HTML 8Page - Honeywell Accelerometers HOA0901-011 Datasheet HTML 9Page - Honeywell Accelerometers HOA0901-011 Datasheet HTML 10Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Infrared Sensors Line Guide
SD2420
SD5421
SDP8276
SD1420(L)
SMD2420
Package style
miniature pill
TO-46, dome lensed
side-detecting
coaxial, leaded case
surface mount, glass
lens
Angular response
48°
18°
50°
24°
28°
Light current minimum
7
mA
40
mA
4
mA
5
mA
6
mA
Reverse breakdown voltage 50 V
75 V
50 V
50 V
50 V
Rise/fall time
50 ns
15 ns
50 ns
50 ns
20 ns
Dark current
20 nA max.
20 nA max.
50 nA max.
5 nA max.
5 nA max.
Mounting configuration
through-hole
through-hole
through-hole
through-hole
SMT
Termination style
0.062 in hole
0.018 in round leads
0.020 sq leads
0.018 in round leads
SMT
Photodiode
Detectors
6
www.honeywell.com/sensing
SE1450(L)
SE1470(L)
SE2460
SE2470
Type
GaAs
AIGaAs
GaAs
AIGaAs
Package style
coaxial, lead case
coaxial, lead case
miniature pill
miniature pill
Beam angle
24°
24°
18°
18°
Power output
0.7 mW min.
1.1 mW/cm2 to 4.5 mW/cm2
1 mW min.
6 mW/sr min.
Output wavelength
935 nm
880 nm
935 nm
880 nm
Spectral bandwidth
50 nm
80 nm
50 nm
80 nm
Forward voltage
1.6 V
1.8 V
1.6 V
1.8 V
Mounting configuration
through-hole
through-hole
through-hole
through-hole
Termination style
0.018 in round leads
0.018 in round leads
0.062 in hole
0.062 in hole
Emitters -
Metal Package


Similar Part No. - HOA0901-011

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HOA0901-012 HONEYWELL-ACC-HOA0901-012 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results

Similar Description - HOA0901-011

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD5410-001 HONEYWELL-ACC-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-012 HONEYWELL-ACC-HOA0901-012 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SEP8736-002 HONEYWELL-ACC-SEP8736-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com