Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZ33B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # UDZ33B
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UDZ33B Datasheet(HTML) 4 Page - Diodes Incorporated

  UDZ33B Datasheet HTML 1Page - Diodes Incorporated UDZ33B Datasheet HTML 2Page - Diodes Incorporated UDZ33B Datasheet HTML 3Page - Diodes Incorporated UDZ33B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UNDER DEVELOPMENT
DS30290 Rev. 5 - 1
4 of 4
UDZ2V0B-UDZ56B
38
42
46
50
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig.7 Typical Reverse Characteristics, UDZ47B
40
44
48
UDZ47B
1m
100
m
10
m
1
m
100n
10m
100m
-0.08
0.12
-0.04
-0.06
06
10
V , ZENER VOLTAGE (V)
Z
Fig. 8 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, UDZ6V2B-UDZ10B
4
2
8
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.08
0.12
-0.04
-0.06
20
26
30
V , ZENER VOLTAGE (V)
Z
Fig. 10 Typical Temperature Coefficient of
Zener Voltage, UDZ20B-UDZ30B
24
22
28
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.08
0.12
-0.04
-0.06
10
16
20
V , ZENER VOLTAGE (V)
Z
Fig. 9 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, UDZ10B-UDZ20B
14
12
18
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.08
0.12
-0.04
-0.06
30
42
50
V , ZENER VOLTAGE (V)
Z
Fig. 11 Typical Temperature Coefficient of
Zener Voltage, UDZ30B-UDZ47B
38
34
46
-0.02
0
0.02
0.04
0.06
0.08
0.10
*Note: Additional Plots for Reverse Characteristics and Temperature Coefficient of Zener Voltage shall be available soon.


Similar Part No. - UDZ33B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZ33B ROHM-UDZ33B Datasheet
58Kb / 3P
   Zener diode
logo
Diode Semiconductor Kor...
UDZ33B DSK-UDZ33B Datasheet
312Kb / 5P
   Surface mount zener diode
logo
Formosa MS
UDZ33B FORMOSA-UDZ33B Datasheet
62Kb / 8P
   SMD Zener Diode
UDZ33B-FL FORMOSA-UDZ33B-FL Datasheet
97Kb / 8P
   SMD Zener Diode
More results

Similar Description - UDZ33B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com