Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8450 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SI8450
Description  LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI8450 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SI8450 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8450 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8450 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8450 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI8450 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI8450 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI8450 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI8450 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI8450 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Si8450/51/52/55
10
Rev. 1.5
10 Mbps Supply Current (All inputs = 5 MHz square wave, CI = 15 pF on all outputs)
Si8450Bx, Si8455Bx
VDD1
VDD2
4.3
4.8
6.5
6.7
mA
Si8451Bx
VDD1
VDD2
4.4
5.0
6.2
7.0
mA
Si8452Bx
VDD1
VDD2
4.6
4.8
6.4
6.7
mA
100 Mbps Supply Current (All inputs = 50 MHz square wave, CI = 15 pF on all outputs)
Si8450Bx, Si8455Bx
VDD1
VDD2
4.4
16.8
6.6
21
mA
Si8451Bx
VDD1
VDD2
6.9
14.5
8.6
18.1
mA
Si8452Bx
VDD1
VDD2
9.5
12
11.9
15
mA
Timing Characteristics
Si845xAx
Maximum Data Rate
0
1.0
Mbps
Minimum Pulse Width
250
ns
Propagation Delay
tPHL,tPLH
See Figure 2
35
ns
Pulse Width Distortion
|tPLH - tPHL|
PWD
See Figure 2
25
ns
Propagation Delay Skew2
tPSK(P-P)
40
ns
Channel-Channel Skew
tPSK
35
ns
Table 4. Electrical Characteristics (Continued)
(VDD1 = 3.3 V±10%, VDD2 = 3.3 V±10%, TA = –40 to 125 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 85
, ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3. See "3. Errata and Design Migration Guidelines" on page 26 for more details.
4. Start-up time is the time period from the application of power to valid data at the output.


Similar Part No. - SI8450

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
Si8450AA-B-IS1 SILABS-Si8450AA-B-IS1 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
Si8450AB-B-IS1 SILABS-Si8450AB-B-IS1 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
Si8450BA-B-IS1 SILABS-Si8450BA-B-IS1 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
Si8450BB-B-IS1 SILABS-Si8450BB-B-IS1 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
More results

Similar Description - SI8450

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8650 SILABS-SI8650 Datasheet
759Kb / 44P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8650 SKYWORKS-SI8650 Datasheet
1Mb / 42P
   Low Power Five-Channel Digital Isolator
December 3, 2021
logo
Silicon Laboratories
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8650 SILABS-SI8650_18 Datasheet
914Kb / 42P
   Low Power Five-Channel Digital Isolator
SI845X SILABS-SI845X Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com