Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4491 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A4491
Description  Triple Output Step-Down Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4491 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A4491 Datasheet HTML 5Page - Allegro MicroSystems A4491 Datasheet HTML 6Page - Allegro MicroSystems A4491 Datasheet HTML 7Page - Allegro MicroSystems A4491 Datasheet HTML 8Page - Allegro MicroSystems A4491 Datasheet HTML 9Page - Allegro MicroSystems A4491 Datasheet HTML 10Page - Allegro MicroSystems A4491 Datasheet HTML 11Page - Allegro MicroSystems A4491 Datasheet HTML 12Page - Allegro MicroSystems A4491 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Triple Output Step-Down Switching Regulator
A4491
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The bias current, IBIAS, flowing out of the FB1 node into R2, will
introduce a small voltage offset to the output.
Enable Each regulator channel can be individually enabled via
the corresponding ENBx pin. If any channel is required to start-
up automatically after the VBB voltage is applied, that particu-
lar channel should have the ENB pin tied to the VBB rail via a
pullup resistor.
This resistor should be selected to limit the current to less than
the maximum specified value, 1 mA. This prevents the internal
protection clamps from turning on. It is recommended that a
100 kΩ pull-up resistor be used. This would ensure the current
remains below the maximum value when VBB = 24 V.
Soft Start Each regulator channel contains a soft start circuit. A
soft start cycle is initiated when the appropriate regulator enable
input is set to high; the VBB, charge pump, and bias supply volt-
ages are above the minimum values; and no thermal shutdown
condition exists. Note that an overload or short circuit will not
cause a soft start cycle, unless a thermal shutdown event occurs.
During a soft start cycle, the reference voltage is ramped from
0 to 0.8 V typical, which in turn forces the current demand signal
to increase in a linear fashion.
Shutdown All converter channels are disabled in the event of
either a thermal shutdown event or an undervoltage on VBB
(VBBUV(sd) or VBBCPUV(sd)).
As soon as the above fault conditions have been removed, and
assuming the ENB inputs are enabled, the appropriate channels
will auto-restart under control of the soft start.
Current Limit The typical peak current limit for each channel is
specified as 2.5 A minimum, with a duty cycle of 0.9. The mini-
mum current limit occurs at maximum duty cycle (0.9), because
the slope compensation has a maximum effect under this condi-
tion. As the duty cycle reduces, the current limit increases. This
means for applications that operate with a narrow duty cycle, it is
possible to operate with a load current greater than 2.0 A.
Figure 3 illustrates the typical peak current limit versus duty
cycle. For example, it is possible to operate with a peak current
limit of 3.75 A with a duty cycle of 0.3.
As well as ensuring the peak current limit is not exceeded, under
worst case load and input voltage conditions, it is also important
to check the implications on the thermal performance. See the
Thermal Considerations section.
Component Selection
Inductor The inductance value, L, determines the ripple current.
It is important to ensure that the minimum current limit is not
exceeded under worst-case conditions: VBB(min), ILOAD(max),
fSW(min), and L(min).
It is recommended that gapped ferrite solutions be used as
opposed to powdered iron solutions, the latter of which exhibit
relatively high core losses that can have a large impact on long
term reliability.
Inductors are typically specified at two current levels, rms cur-
rent and saturation current. With regard to the rms current, it is
important to understand how the rms current level is specified,
in terms of ambient temperature. Some manufacturers quote an
ambient only, whilst others quote a temperature that includes a
self-induced temperature rise. For example, if an inductor is rated
for 85°C and includes a self-induced temperature rise of 25°C
at maximum load, then the inductor cannot be safely operated
beyond an ambient temperature of 60°C at full load. The rms cur-
rent can be assumed to be simply the maximum load current, with
perhaps some margin to allow for overloads, and so forth.
The first stage of determining the inductor value is to specify a
peak-to-peak ripple current of typically about 20% to 25% of the
maximum load.
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
0.5
1.0
0.5
0
020
40
60
80
100
Duty Cycle (%)
Figure 3. Current limit versus duty cycle


Similar Part No. - A4491

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4491 ALLEGRO-A4491 Datasheet
399Kb / 16P
   Designed to provide the power supply requirements of printers, office automation, industrial, and portable equipment, the A4491 provides three high current,
More results

Similar Description - A4491

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
   Triple Output Step-Down Switching Regulator
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
   Triple Output Step-Down Switching Regulator
logo
STMicroelectronics
GS-R51212 STMICROELECTRONICS-GS-R51212 Datasheet
102Kb / 5P
   20W TRIPLE OUTPUT STEP-DOWN SWITCHING REGULATOR
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com