Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK36SB Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # SK36SB
Description  3.0Amp. Surface Mount Schottky Barrier Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK36SB Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  SK36SB Datasheet HTML 1Page - Cystech Electonics Corp. SK36SB Datasheet HTML 2Page - Cystech Electonics Corp. SK36SB Datasheet HTML 3Page - Cystech Electonics Corp. SK36SB Datasheet HTML 4Page - Cystech Electonics Corp. SK36SB Datasheet HTML 5Page - Cystech Electonics Corp. SK36SB Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C330SB
Issued Date : 2003.04.09
Revised Date :2011.01.28
Page No. : 6/6
SK32SB thru SK3BSB
CYStek Product Specification
SMB/DO-214AA Dimension
Marking Code :
SK32SB
SK33SB
SK34SB
SK32
SK33
SK34
SK36SB
SK3BSB
SK36
SK3B
SMB/DO-214AA Plastic
Surface Mounted Package
CYStek Package Code : SB
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.075
0.083
1.91
2.11
E
0.006
0.012
0.152
0.305
B
0.130
0.155
3.30
3.94
F
0.002
0.008
0.051
0.203
C
0.160
0.185
4.06
4.70
G
0.030
0.060
0.76
1.52
D
0.083
0.096
2.13
2.44
H
0.200
0.220
5.08
5.59
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - SK36SB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK36S EIC-SK36S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Cystech Electonics Corp...
SK36SA CYSTEKEC-SK36SA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
logo
Diotec Semiconductor
SK36SMA DIOTEC-SK36SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SK36SMA DIOTEC-SK36SMA Datasheet
120Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK36SMA DIOTEC-SK36SMA Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
More results

Similar Description - SK36SB

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK3BSA CYSTEKEC-SK3BSA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK38SA CYSTEKEC-SK38SA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK36SA CYSTEKEC-SK36SA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA320-3100SA CYSTEKEC-CSMA320-3100SA Datasheet
144Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK3100SC CYSTEKEC-SK3100SC Datasheet
367Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK3150SB CYSTEKEC-SK3150SB Datasheet
256Kb / 4P
   3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA582XSA CYSTEKEC-CSMA582XSA Datasheet
142Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK34SA CYSTEKEC-SK34SA Datasheet
257Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK320SC CYSTEKEC-SK320SC Datasheet
194Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK340SC CYSTEKEC-SK340SC Datasheet
194Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com