Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W01G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # W01G
Description  1.5A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

W01G Datasheet(HTML) 1 Page - Diodes Incorporated

  W01G Datasheet HTML 1Page - Diodes Incorporated W01G Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS21202 Rev. F-2
1 of 2
W005G - W10G
W005G - W10G
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
Features
A
B
D
E
G
G
C
+
-
+
-
WOG
Dim
MinMax
A
8.84
9.86
B
4.00
4.60
C
27.90
¾
D
25.40
¾
E
0.71
0.81
G
4.60
5.60
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol W005G W01G W02G W04G
W06G W08G W10G Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @ TA = 25°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
per element (JEDEC Method)
IFSM
50
A
Forward Voltage (per element)
@ IF = 1.5A
VFM
1.0
V
Peak Reverse Current@ TA = 25°C
at Rated DC Blocking Voltage
@ TA = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance
(Note 2)
Cj
12
pF
Typical Thermal Resistance Junction to Case
(Note 1)
RqJC
84
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance from junction to case mounted on PC board with 13 x 13mm (0.03mm thick) land areas.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
·
Glass Passivated Die Construction
·
Diffused Junction
·
Low Forward Voltage Drop, High Current
Capability
·
Surge Overload Rating to 50A Peak
·
Ideal for Printed Circuit Boards
·
Case to Terminal Isolation Voltage 1500V
·
Plastic Material: UL Flammability
Classification Rating 94V-0
·
UL Listed Under Recognized Component
Index, File Number E94661
·
Case: WOG, Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: As marked on Body
·
Weight: 1.3 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number


Similar Part No. - W01G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
W01G PANJIT-W01G Datasheet
49Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Taiwan Semiconductor Co...
W01G TSC-W01G Datasheet
73Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Vishay Siliconix
W01G VISHAY-W01G Datasheet
84Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 08-Jul-13
logo
Won-Top Electronics
W01G WTE-W01G Datasheet
52Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
W01G PANJIT-W01G Datasheet
50Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
More results

Similar Description - W01G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
KBP005G DIODES-KBP005G_15 Datasheet
92Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DBF1505 ZSELEC-DBF1505 Datasheet
162Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB152 YFWDIODE-DB152 Datasheet
436Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBP005M WTE-KBP005M Datasheet
35Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
W005G DIODES-W005G_1 Datasheet
355Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. 12 - 2
logo
TAITRON Components Inco...
W005G TAITRON-W005G Datasheet
204Kb / 5P
   1.5A Glass Passivated Bridge Rectifier
logo
Won-Top Electronics
DF150 WTE-DF150 Datasheet
45Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
KBP150G WTE-KBP150G Datasheet
35Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBP005G DIODES-KBP005G_2 Datasheet
92Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21203 Rev. 12 - 2
KBP005G DIODES-KBP005G_1 Datasheet
74Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21203 Rev. 11 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com