Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF27G Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # SF27G
Description  2.0Amp. Glass Passivated Super Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SF27G Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  SF27G Datasheet HTML 1Page - Cystech Electonics Corp. SF27G Datasheet HTML 2Page - Cystech Electonics Corp. SF27G Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C185LG
Issued Date : 2013.03.25
Revised Date : 2013.05.03
Page No. : 1/3
SF21G thru SF28G
CYStek Product Specification
2.0Amp. Glass Passivated Super Fast Rectifiers
SF21G thru SF28G
Features
• High current capability
• High reliability
• Low forward voltage drop
• High surge current capability
Mechanical Data
• Case: JEDEC DO-204AC(DO-15) molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Epoxy : UL94V-0 rate flame retardant
• Weight : 0.014oz., 0.39grams
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified. )
Type
Parameter
Symbol
SF
21G
SF
22G
SF
23G
SF
24G
SF
25G
SF
26G
SF
27G
SF
28G
Units
Repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VR
50
100
150
200
300
400
500
600
V
Maximum instantaneous
forward voltage, IF=2A (Note 1)
VF
0.95
1.3
1.7
V
Reverse Recovery Time
trr
35
ns
Average forward rectified current
@TA=95℃
IFAV
2
A
Peak forward surge current @8.3ms
single half sine wave superimposed
on rated load (JEDEC method)
IFSM
50
A
Maximum DC reverse current
VR=VRRM,TA=25℃(Note 1)
VR=VRRM,TA=100℃(Note 1)
IR
5
100
μA
μA
Storage temperature
Tstg
-55 ~ +150
Operating temperature
TJ
-55 ~ +150
Notes : 1. Pulse test, pulse width=300μsec, 2% duty cycle
2 . Reverse recovery test condition: IF=0.5A, IR=1.0A, IRR=0.25A


Similar Part No. - SF27G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF27G TSC-SF27G Datasheet
68Kb / 2P
   2.0 AMPS. Glass Passivated Super Fast Rectifiers
SF27G TSC-SF27G Datasheet
379Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF27G TSC-SF27G Datasheet
257Kb / 2P
   2.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Jinan Jing Heng Electro...
SF27G JINGHENG-SF27G Datasheet
59Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
SF27G BILIN-SF27G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results

Similar Description - SF27G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ES2MB LUGUANG-ES2MB Datasheet
1Mb / 2P
   2.0AMP Glass Passivated Super Fast Rectifiers
ES2MA LUGUANG-ES2MA Datasheet
1Mb / 2P
   2.0AMP Glass Passivated Super Fast Rectifiers
logo
First Components Intern...
SFS21G FCI-SFS21G Datasheet
613Kb / 2P
   2.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
Shenzhen Luguang Electr...
FR201G LUGUANG-FR201G Datasheet
179Kb / 2P
   2.0AMP. Glass Passivated Fast Recovery Rectifiers
2A07G LUGUANG-2A07G Datasheet
1Mb / 2P
   2.0AMP. Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
SF21 SECOS-SF21 Datasheet
417Kb / 2P
   2.0AMP Super Fast Rectifiers
GBJ2005 SECOS-GBJ2005 Datasheet
301Kb / 2P
   2.0AMP Glass Passivated Bridge Rectifiers
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
   Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com