Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB3200-0-TC-G Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # SB3200-0-TC-G
Description  3.0Amp Schottky Barrier Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SB3200-0-TC-G Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  SB3200-0-TC-G Datasheet HTML 1Page - Cystech Electonics Corp. SB3200-0-TC-G Datasheet HTML 2Page - Cystech Electonics Corp. SB3200-0-TC-G Datasheet HTML 3Page - Cystech Electonics Corp. SB3200-0-TC-G Datasheet HTML 4Page - Cystech Electonics Corp. SB3200-0-TC-G Datasheet HTML 5Page - Cystech Electonics Corp. SB3200-0-TC-G Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C771LD
Issued Date : 2009.08.03
Revised Date : 2013.09.30
Page No. : 1/6
SB3150 and SB3200
CYStek Product Specification
3.0Amp Schottky Barrier Rectifiers
Reverse Voltage 150V and 200V
Forward Current 3A
SB3150 and SB3200
Features
Outline
• Low forward voltage drop
DO-201AD
• High current capability
• High reliability
• High surge current capability
• Epitaxial construction
Mechanical Data
• Case : JEDEC DO-201AD molded plastic body
• Epoxy : UL94V-0 rate flame retardant
• Terminals: Plated axial leads, solderable per MIL-STD-202, method 208 guaranteed
• Polarity: Color band denotes cathode end.
• Mounting Position : Any.
• Weight: 1.10 grams
Ordering Information
Device
Package
Shipping
SB3150- 0-TC-G
SB3200- 0-TC-G
DO-201AD
(Pb-free lead plating and halogen-free package)
1200 pcs / Tape & Box
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, TC : 1200 pcs / tape & box
Product rank, zero for no rank products
Product name


Similar Part No. - SB3200-0-TC-G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SB3200-3A-DO-27 DGNJDZ-SB3200-3A-DO-27 Datasheet
281Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB3200-0-TC-G

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
   3.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB320 CYSTEKEC-SB320 Datasheet
248Kb / 3P
   3.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR320 YFWDIODE-SR320 Datasheet
73Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR320 SECOS-SR320 Datasheet
130Kb / 2P
   3.0AMP Schottky Barrier Rectifiers
1N5820 SECOS-1N5820_15 Datasheet
154Kb / 2P
   3.0AMP Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
1N5820 JGD-1N5820 Datasheet
142Kb / 2P
   3.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SB320 YFWDIODE-SB320 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
SB320-DO-27 YFWDIODE-SB320-DO-27 Datasheet
297Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
SR320-DO-27 YFWDIODE-SR320-DO-27 Datasheet
296Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com