Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A77-SMA77 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A77-SMA77
Description  Cascadable Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A77-SMA77 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A77-SMA77 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A77-SMA77 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
5 to 500 MHz
Rev. V3
A77 / SMA77
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• High Gain: 16.5 dB (TYP.)
• High Level Output: +16.5 dBm (TYP.)
• High Third Order I.P.: +30 dBm (TYP.)
• Low VSWR: 1.3:1 (TYP.)
Description
The A77 RF amplifier is a discrete hybrid design, which
uses thin film manufacturing processes for accurate
performance and high reliability.
The single stage bipolar transistor feedback amplifier
design displays impressive performance over a broadband
frequency range. Both TO-8 and Surface Mount packages
are hermetically sealed, and MIL-STD-883 environmental
screening is available.
Ordering Information
Part Number
Package
A77
TO-8
SMA77
Surface Mount
CA77**
SMA Connectorized
Over temperature performance limits for part number CA77, guaranteed from 0oC to +50oC only.
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = 15 VDC
Parameter
Rating
Thermal Resistance θjc
130ºC/W
Transistor Power Dissipation Pd
0.464 W
Junction Temperature Rise
Above Case Tjc
60ºC
Product Image
Electrical Specifications: Z0 = 50Ω, VCC = 15 VDC
Parameter
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC
Frequency
MHz
2-600
5-500
5-500
Small Signal Gain (min)
dB
16.5
16.0
15.0
Gain Flatness (max)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
17
Noise Figure (max)
dB
4.5
5.0
5.5
Power Output
@ 1 dB comp. (min)
dBm
16.5
15.0
14.5
IP3
dBm
+30
IP2
dBm
+43
Second Order Harmonic IP
dBm
+49
VSWR Input / Output (max)
1.3:1 / 1.3:1
1.7:1 / 1.7:1
2.0:1 / 2.0:1
DC Current (max)
mA
50
53
56
Units
** The connectorized version is not RoHs compliant.


Similar Part No. - A77-SMA77

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
A77-01-02 SYSTEMSENSOR-A77-01-02 Datasheet
480Kb / 2P
   Waterflow Detector
A77-01-02 SYSTEMSENSOR-A77-01-02 Datasheet
431Kb / 2P
   Explosion Proof Waterflow Detector
logo
Tyco Electronics
A77-1 MACOM-A77-1 Datasheet
104Kb / 1P
   5 TO 600 MHz CASCADABLE AMPLIFIER
A77-1 MACOM-A77-1 Datasheet
389Kb / 2P
   Cascadable Amplifier 5 to 600 MHz
logo
M/A-COM Technology Solu...
A77-1 MA-COM-A77-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results

Similar Description - A77-SMA77

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
EA53-2 MA-COM-EA53-2 Datasheet
129Kb / 2P
   Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
   Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
   Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
   Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
   Cascadable Amplifier
A74-SMA74 MA-COM-A74-SMA74 Datasheet
1Mb / 2P
   Cascadable Amplifier
A77-1-SMA77-1 MA-COM-A77-1-SMA77-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com