Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF67000T12LG Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # PF67000T12LG
Description  Ventilateurs a filtre 297-560 pimin
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PF67000T12LG Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  PF67000T12LG Datasheet HTML 1Page - Hammond Manufacturing Ltd. PF67000T12LG Datasheet HTML 2Page - Hammond Manufacturing Ltd. PF67000T12LG Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PF67000T12LG230
230V
214W
PFA 60000LG
8
A irflow data
PF 65000
PF 66000
PF 67000
PFA 60000
Filter material
Type 12 Filtermat
Type 12 Filtermat
Type 12 Filtermat
Type 12
Filtermat
Unimpeded airflow
297 CFM
462 CFM
560 CFM
-
Capacity free-flow
IP 54: 160 W/K /
160 W/K
IP 54: 213 W/K /
218 W/K
IP 54: 282 W/K /
292 W/K
-
IP 55: 168 W/K /
168 W/K
IP 55: 257 W/K /
262 W/K
IP 55: 308 W/K /
317 W/K
-
Airflow in combination
230 CFM
295 CFM
368 CFM
-
(Filterfan + Exhaust
Filter)
(PF 65000 + PFA
60000)
(PF 66000 + PFA
60000)
(PF 67000 + PFA
60000)
-
Capacity in combination
127 W/K
167 W/K
208 W/K
-
(Filterfan + Exhaust
Filter)
(PF 65000 + PFA
60000)
(PF 66000 + PFA
60000)
(PF 67000 + PFA
60000)
-
Max. static pressure
(Airflow = 0)
74 Pa
134 Pa
187 Pa
-
Filtration efficiency
0.91
0.91
0.91
0.91
Filter material grade
G 4 (DIN EN 779) G 4 (DIN EN 779) G 4 (DIN EN 779)
G 4 (DIN EN
779)
Duty cycle
1
1
1
-
Technical data
PF 65000
PF 66000
PF 67000
PFA 60000
Outside dimensions in mm
320 x 320 x 150 320 x 320 x 150 320 x 320 x 150 320 x 320 x 39
(height x width x installation
depth)
Bearing type
ball bearings
ball bearings
ball bearings
-
Fitting position
any, horizontal airflow preferred
any
-
Construction
housing and guard of sprayed thermoplastic, self-extinguishing, UL
94 VO
Weight
3.2 kg
3.2 kg
3.7 kg
0.7 kg
Safety protection
in accordance with DIN 31 001
-
Color
RAL 7035, Light Grey
Connections
cage clamp
cage clamp
cage clamp
-
Supplementary data
PF 65000
PF 66000
PF 67000
Operating temperature
– 15 °C (- 5 °F) to / bis + 55 °C (+ 131 °F)
Storage temperature
– 20 °C (- 4 °F) to / bis + 70 °C (+ 158 °F)
Max. relative humidity
0.9
System of protection
NEMA Type 12, IP 55 (EN 60 529), when installed as specified
Basic Accessories
parts kit filter mat, user manual radiant heater, fan heater, thermostat,
hygrostat
Approvals
UL Recognized
* Tolerance installation
cutout
177 + 1/-0 thickness of material to 2 mm
178 + 1/-0 thickness of material > 2 mm < 3 mm
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - PF67000T12LG

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PF67000T12LG HAMMOND-PF67000T12LG Datasheet
1Mb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PF67000T12LG230 HAMMOND-PF67000T12LG230 Datasheet
1Mb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PF67000T12LGSL HAMMOND-PF67000T12LGSL Datasheet
63Kb / 2P
   Ventilateurs a filtre compacts, 297-560 pimin
PF67000T12LGSL HAMMOND-PF67000T12LGSL Datasheet
1Mb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PF67000T12LGSL2 HAMMOND-PF67000T12LGSL2 Datasheet
63Kb / 2P
   Ventilateurs a filtre compacts, 297-560 pimin
More results

Similar Description - PF67000T12LG

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PF33SL HAMMOND-PF33SL Datasheet
63Kb / 2P
   Ventilateurs a filtre compacts, 297-560 pimin
PF32 HAMMOND-PF32 Datasheet
169Kb / 2P
   Ventilateurs a filtre 65 pimin
PF11 HAMMOND-PF11 Datasheet
205Kb / 3P
   Ventilateurs a filtre 17-38 pimin
PF45 HAMMOND-PF45 Datasheet
190Kb / 3P
   Ventilateurs a filtre 94-169 pimin
XPFA HAMMOND-XPFA Datasheet
82Kb / 2P
   Grilles pour ventilateurs a filtre
PTF60 HAMMOND-PTF60 Datasheet
140Kb / 3P
   Ventilateurs a filtre de toit, 266-485 pi/min
DNFF HAMMOND-DNFF Datasheet
62Kb / 1P
   ENSEMBLES DE VENTILATEUR A FILTRE
DNMF HAMMOND-DNMF Datasheet
68Kb / 1P
   VENTILATEURS AXIAUX A ENVELOPPE
DNFC HAMMOND-DNFC Datasheet
77Kb / 1P
   CORDONS DALIMENTATION POUR VENTILATEURS
logo
Vishay Siliconix
ST300CLPBF VISHAY-ST300CLPBF Datasheet
119Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 560 A
Revision: 11-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com