Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1300L Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TB1300L
Description  30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TB1300L Datasheet(HTML) 1 Page - Diodes Incorporated

  TB1300L Datasheet HTML 1Page - Diodes Incorporated TB1300L Datasheet HTML 2Page - Diodes Incorporated TB1300L Datasheet HTML 3Page - Diodes Incorporated TB1300L Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30359 Rev. 2 - 1
1 of 4
TB0640L - TB3500L
TB0640L - TB3500L
30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR
SURGE PROTECTIVE DEVICE
Features
·
30A Peak Pulse Current @ 10/1000ms
·
150A Peak Pulse Current @ 8/20ms
·
58 - 320V Stand-Off Voltages
·
Oxide-Glass Passivated Junction
·
Bi-Directional Protection In a Single Device
·
High Off-State impedance and Low On-State
Voltage
Mechanical Data
·
Case: SMB, Molded Plastic
·
Plastic Material: UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solder Plated Terminal -
Solderable per MIL-STD-202, Method 208
·
Polarity: None; Bi-Directional Devices Have No
Polarity Indicator
·
Weight: 0.093 grams (approx.)
·
Marking: Date Code and Marking Code (See Page 4)
·
Ordering Information: See Page 4
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
B
A
C
D
F
H
E
G
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Impulse Current
@10/1000us
Ipp
30
A
Non-Repetitive Peak On-State Current
@8.3ms (one-half cycle)
ITSM
15
A
Junction Temperature Range
Tj
-40 to +150
°
C
Storage Temperature Range
TSTG
-55 to +150
°
C
Thermal Resistance, Junction to Lead
RqJL
30
°C/W
Thermal Resistance, Junction to Ambient
RqJA
120
°C/W
Typical Positive Temperature Coefficient for Breakdown Voltage
D
VBR/DTj
0.1
%/°C
SMB
Dim
Min
Max
A
4.06
4.57
B
3.30
3.94
C
1.96
2.21
D
0.15
0.31
E
5.21
5.59
F
0.05
0.20
G
2.01
2.62
H
0.76
1.52
All Dimensions in mm
Maximum Ratings @ TA = 25°C unless otherwise specified
Maximum Rated Surge Waveform
Waveform
Standard
Ipp (A)
2/10 us
GR-1089-CORE
200
8/20 us
IEC 61000-4-5
150
10/160 us
FCC Part 68
100
10/700 us
ITU-T, K20/K21
60
10/560 us
FCC Part 68
50
10/1000 us
GR-1089-CORE
30
0
TIME
100
50
0
Peak Value (I )
pp
Half Value
t = rise time to peak value
r
t = decay time to half value
p
t
r
t
p
UNDER DEVELOPMENT


Similar Part No. - TB1300L

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
TB1300L LITEON-TB1300L Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB1300L DIODES-TB1300L Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB1300L DIODES-TB1300L Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
logo
SUNMATE electronic Co.,...
TB1300L SUNMATE-TB1300L Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Diodes Incorporated
TB1300L-13-F DIODES-TB1300L-13-F Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
More results

Similar Description - TB1300L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
TB0640H DIODES-TB0640H_1 Datasheet
76Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 7 - 2
logo
Weitron Technology
T064AB-LC WEITRON-T064AB-LC Datasheet
262Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
T110AB-LC WEITRON-T110AB-LC_07 Datasheet
296Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
logo
Diodes Incorporated
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
logo
Pan Jit International I...
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com