Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CO-494 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # CO-494
Description  494 Series Surface Mount Crystal Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

CO-494 Datasheet(HTML) 1 Page - Oscilent Corporation

  CO-494 Datasheet HTML 1Page - Oscilent Corporation CO-494 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Oscillators
Series Number
Package
Description
Last Modified
494
6 Pad PCB J-Lead
PECL Output
Jan. 01 2007
FEATURES
- Wave form symmetry of 40/60%
- PECL output
- Industry standard 6 Pad PCB J-Lead SMD Package
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
Positive ECL Square Wave (PECL)
-
Input Voltage (VDD)
-
3.3 ±10%
5.0 ±10%
VDC
Frequency Range (fO)
-
19.440 ~ 180.0 (Fund, Third, Fifth / UM-1)
MHz
Operating Temperature (TOPR)
-
0 ~ +70 (Std.) / -40 ~ 85 (Option)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Overall Frequency Stability
-
±20 (0 ~ +70°C Only), ±25, ±50, ±100 max.
PPM
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±5%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Input Current (IDD)
-
80 max.
120 max.
mA
Aging
@ 25°C
±1 max.
PPM/Y
Rise Time (TR)
20% to 80% of Waveform
2 max.
nS
Fall Time (TF)
20% to 80% of Waveform
2 max.
nS
Output Voltage High "1" VOH
PECL
VDD - 1.025 min.
VDC
Output Voltage Low "0" VOL
PECL
VDD - 1.620 max.
VDC
Load
-
50
Ohms
Duty Cycle
50% of Waveform
50 ±10 (Std.) / 50 ±5 (Option)
%
Start-Up Time (TS)
-
10 max.
mS
Jitter
RMS
3.5 max.
ps
Page 1 of 2
Oscilent Corporation | 494 Series Surface Mount Crystal Oscillators


Similar Part No. - CO-494

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
CO-490 OSCILENT-CO-490 Datasheet
142Kb / 2P
   490 Series Surface Mount Crystal Oscillator
CO-491 OSCILENT-CO-491 Datasheet
141Kb / 2P
   491 Series SMD Crystal Oscillators
CO-492 OSCILENT-CO-492 Datasheet
142Kb / 2P
   492 Series Surface Mount Crystal Oscillators
CO-493 OSCILENT-CO-493 Datasheet
142Kb / 2P
   493 Series Surface Mount Crystal Oscillators
CO-495 OSCILENT-CO-495 Datasheet
142Kb / 2P
   495 Series SMD Crystal Oscillator
More results

Similar Description - CO-494

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CO66 RALTRON-CO66 Datasheet
65Kb / 1P
   SURFACE MOUNT CRYSTAL OSCILLATORS
COM23025-44.000-WLAN RALTRON-COM23025-44.000-WLAN Datasheet
23Kb / 1P
   SURFACE MOUNT CRYSTAL OSCILLATORS
logo
Oscilent Corporation
CO-430 OSCILENT-CO-430 Datasheet
151Kb / 3P
   430 Series Surface Mount Crystal Oscillators
CO-493 OSCILENT-CO-493 Datasheet
142Kb / 2P
   493 Series Surface Mount Crystal Oscillators
CO-433 OSCILENT-CO-433 Datasheet
134Kb / 2P
   433 Series Surface Mount Crystal Oscillators
CO-492 OSCILENT-CO-492 Datasheet
142Kb / 2P
   492 Series Surface Mount Crystal Oscillators
CO-431 OSCILENT-CO-431 Datasheet
133Kb / 2P
   431 Series Surface Mount Crystal Oscillators
CO-432 OSCILENT-CO-432 Datasheet
142Kb / 2P
   432 Series Surface Mount Crystal Oscillators
logo
List of Unclassifed Man...
CO-760PS ETC-CO-760PS Datasheet
124Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
logo
Vectron International, ...
CO-760PS VECTRON-CO-760PS Datasheet
126Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com