Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CO-470 Datasheet(PDF) 2 Page - Oscilent Corporation

Part # CO-470
Description  470 Series Surface Mount Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

CO-470 Datasheet(HTML) 2 Page - Oscilent Corporation

  CO-470 Datasheet HTML 1Page - Oscilent Corporation CO-470 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
#1
No Connection or
Tri-State Enable
High
#2 Case Ground
#3 Ouput
#4 Vdd
PART NUMBER GUIDE
Series
Number
Frequency
Voltage
Supply
Option
Frequency
Tolerance &
Stability (max.)
Operating Temp. (°
C)
Duty Cycle
Pin 1 Connection
470
- 8.0 M
- 3
E
N
- T
TS
Oscilent
SMD
Oscillators
Enter your freq.
e.g. 8.0M = 8.00 MHz
See table below
for standard freq.
5 = 5VDC
3 = 3.3VDC
E =
±50 ppm
F =
±25 ppm
G =
±20 ppm
H =
±10 ppm
Blank* = 0~+70
C = -10~+70
D = -20~+70
N = -40~+85
Blank*= 50±10%
T = -50±5%
NC = No
Connnection
TS = Tri-State
Enable High
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: - "Blank" part number selections, indicate standard variables for the particular characteristic.
PACKAGING: - Add -TR for Tape/Reel. Click here for tape/reel specifications
Oscilent Corporation - CALL 949.252.0522
18195 East McDurmott Street . Building D . Irvine . CA 92614 . USA
Fax: 949.252.0599 . E-Mail: Sales@Oscilent.com
Series No.: 470
Page 2 of 2
Oscilent Corporation | 470 Series Surface Mount Crystal Oscillator


Similar Part No. - CO-470

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CO-401 VECTRON-CO-401 Datasheet
68Kb / 3P
   Custom Hybrid TTL Clock Oscillators
CO-401A VECTRON-CO-401A Datasheet
68Kb / 3P
   Custom Hybrid TTL Clock Oscillators
CO-401B VECTRON-CO-401B Datasheet
68Kb / 3P
   Custom Hybrid TTL Clock Oscillators
CO-401C VECTRON-CO-401C Datasheet
68Kb / 3P
   Custom Hybrid TTL Clock Oscillators
CO-401D VECTRON-CO-401D Datasheet
68Kb / 3P
   Custom Hybrid TTL Clock Oscillators
More results

Similar Description - CO-470

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CO41805-98.304-T-TR RALTRON-CO41805-98.304-T-TR Datasheet
162Kb / 1P
   SURFACE MOUNT CRYSTAL OSCILLATOR
logo
STATEK CORPORATION
SQXO2ATSM STATEK-SQXO2ATSM Datasheet
138Kb / 2P
   Surface Mount Crystal Oscillator
logo
ECM Electronics Limited...
VF315 ECM-VF315 Datasheet
104Kb / 1P
   Surface Mount Crystal Oscillator
logo
Oscilent Corporation
CO-490 OSCILENT-CO-490 Datasheet
142Kb / 2P
   490 Series Surface Mount Crystal Oscillator
CO-481 OSCILENT-CO-481 Datasheet
155Kb / 3P
   481 Series Surface Mount Crystal Oscillator
CO-434 OSCILENT-CO-434 Datasheet
144Kb / 2P
   434 Series Surface Mount Crystal Oscillator
CO-480 OSCILENT-CO-480 Datasheet
150Kb / 3P
   480 Series Surface Mount Crystal Oscillator
CO-489 OSCILENT-CO-489 Datasheet
145Kb / 2P
   489 Series Surface Mount Crystal Oscillator
logo
STATEK CORPORATION
LFXO STATEK-LFXO_10 Datasheet
136Kb / 2P
   Miniature Surface Mount Crystal Oscillator
logo
Connor-Winfield Corpora...
HSM643 CONNOR-WINFIELD-HSM643 Datasheet
84Kb / 2P
   3.3V Surface Mount Crystal Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com