Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

07D101KJ Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # 07D101KJ
Description  Radial Lead Varistor (MOV)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

07D101KJ Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  07D101KJ Datasheet HTML 1Page - Socay Electornics Co., Ltd. 07D101KJ Datasheet HTML 2Page - Socay Electornics Co., Ltd. 07D101KJ Datasheet HTML 3Page - Socay Electornics Co., Ltd. 07D101KJ Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Radial Lead Varistor (MOV)
Revision September 25, 2013
3 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
10D Series
SOCAY Electronics Co., Ltd.
www.socay.com
07D Series
Item
Test Condition / Description
Requirement
Maximum Allowable
Voltage
The recommended maximum sine wave voltage (RMS) or the maximum DC
voltage can be applied continuously.
Varistor Voltage
The voltage between two terminals with the specified measuring current
1mA.DC applied is call Vb.
Maximum Clamping
Voltage
The maximum voltage between two terminals with the specification
standard impulse current.
Applied waveform: 8/20μs
Rated Wattage
The maximum average power that can be applied within the specified
ambient temperature.
Energy
The maximum energy within the varistor voltage change of
±10% when one
impulse of 10/1000μs. or 2 msec. is applied.
Withstanding Surge
Current
The maximum current within the varistor voltage change of
±10% with the
standard impulse current (8/20
ȝsec.) applied one time
To meet the
specified value
Varistor Voltage
Temp. Coefficient
0.05% /
ºC max
Surge Life
The change of Vb shall be measured after the impulse listed below is
applied 10,000 times continuously with the interval of ten seconds at room
temperature.
180K to 680K
10A (8/20μs)
5D Series
820K to 751K
20A (8/20μs)
180K to 680K
25A (8/20μs)
7D Series
820K to 751K
50A (8/20μs)
180K to 680K
50A (8/20μs)
10D Series
820K to 751K
100A (8/20μs)
180K to 680K
75A (8/20μs)
14D Series
820K to 751K
150A (8/20μs)
180K to 680K
100A (8/20μs)
20D Series
820K to 751K
200A (8/20μs)
Vb / Vb
±10%
Electrical Rating
Vb at 20
ºC
-Vb at 70ºC
Vb at 20
ºC
×
1
50
× 100(% / ºC)


Similar Part No. - 07D101KJ

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
07D101KJ HUAXINAN-07D101KJ Datasheet
470Kb / 6P
   Metal Oxide Varistors (MOV)
logo
Shanghai Leiditech Elec...
07D101KJ LEIDITECH-07D101KJ Datasheet
510Kb / 5P
   Metal Oxide Varistors
logo
UN Semiconducctor INC
07D101KJ UNSEMI-07D101KJ Datasheet
2Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results

Similar Description - 07D101KJ

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
07D UNSEMI-07D Datasheet
2Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D UNSEMI-20D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S UNSEMI-34S Datasheet
1Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
14D UNSEMI-14D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D-YC UNSEMI-20D-YC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20DJ2-J3 UNSEMI-20DJ2-J3 Datasheet
2Mb / 6P
   Radial Lead Varistor (MOV)
Revision March 1,2022
10D-EC UNSEMI-10D-EC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com