Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPR820 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # STPR820
Description  8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

STPR820 Datasheet(HTML) 1 Page - Diodes Incorporated

  STPR820 Datasheet HTML 1Page - Diodes Incorporated STPR820 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S14007 Rev. C-2
1 of 2
STPR805DB-STPR820DB
STPR805DB - STPR820DB
8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
J
G
R
Pin1+
Pin 1
Pin 2
Pin2-
Case
+
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
Diffused Junction
·
Super-Fast Switching for High Efficiency
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 100A Peak
·
Low Reverse Leakage Current
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Weight: 2.24 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Single phase, single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
STPR
805DB
STPR
810DB
STPR
815DB
STPR
820DB
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
V
Average Rectified Output Current
(Note 1)
@ TC = 125
°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
100
A
Forward Voltage
@ IF = 8.0A
VFM
1.3
V
Peak Reverse Current
@TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 100
°C
IRM
10
500
mA
Reverse Recovery Time (Note 2)
trr
25
ns
Typical Junction Capacitance (Note 3)
Cj
45
pF
Typical Thermal Resistance Junction to Case
RqJC
3.1
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Case mounted on heatsink.
2. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A.
3. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V DC.
TO-220AC
Dim
Min
Max
A
14.22
15.88
B
9.65
10.67
C
2.54
3.43
D
5.84
6.86
E
¾
6.35
G
12.70
14.73
J
0.51
1.14
K
3.53
Æ 4.09Æ
L
3.56
4.83
M
1.14
1.40
N
0.30
0.64
P
2.03
2.92
R
4.83
5.33
All Dimensions in mm


Similar Part No. - STPR820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPR820 STMICROELECTRONICS-STPR820 Datasheet
74Kb / 6P
   ULTRA-FAST RECOVERY RECTIFIER DIODES
October 1999 - Ed: 2B
STPR820D STMICROELECTRONICS-STPR820D Datasheet
74Kb / 6P
   ULTRA-FAST RECOVERY RECTIFIER DIODES
October 1999 - Ed: 2B
logo
Lite-On Technology Corp...
STPR820D LITEON-STPR820D Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Sirectifier Semiconduct...
STPR820D SIRECTIFIER-STPR820D Datasheet
74Kb / 2P
   Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
STPR820D SIRECT-STPR820D Datasheet
78Kb / 2P
   Ultra Fast Recovery Diodes
More results

Similar Description - STPR820

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ER81 ZSELEC-ER81 Datasheet
155Kb / 2P
   8.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SF81 ZSELEC-SF81 Datasheet
136Kb / 2P
   8.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Diodes Incorporated
STPR805DF DIODES-STPR805DF Datasheet
66Kb / 2P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14010 Rev. C-2
logo
Won-Top Electronics
ER800 WTE-ER800 Datasheet
47Kb / 3P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
ER800F WTE-ER800F Datasheet
48Kb / 3P
   8.0A ISOLATION SUPER-FAST GLASS PASSIVATED RECTIFIER
FR801G WTE-FR801G Datasheet
53Kb / 3P
   8.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Rectron Semiconductor
ISF81 RECTRON-ISF81 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
SF301P MIC-SF301P Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
SF161C RECTRON-SF161C_03 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com