Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CO-320 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # CO-320
Description  320 Series Crystal Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

CO-320 Datasheet(HTML) 1 Page - Oscilent Corporation

  CO-320 Datasheet HTML 1Page - Oscilent Corporation CO-320 Datasheet HTML 2Page - Oscilent Corporation CO-320 Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Crystal Oscillator
Series Number
Package
Description
Last Modified
320
Metal Dip Half Size
Clock Oscillators
July 01 2005
FEATURES
- HCMOS/TTL logic compatible
- Wide frequency range
- Low power consumption
- Industry standard package
- 5V or 3.3V optional
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
HCMOS / TTL Output
-
Input Voltage (VDD)
-
3.3 ±10%
5.0 ±10%
VDC
Frequency Range (fO)
-
0.50 ~ 125.000
0.50 ~ 125.000
MHz
Operating Temperature (TOPR)
-
0 ~ +70 (Std.) / -40 ~ 85 (Option)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Overall Frequency Stability
a + b + c + d
±20, ±25, ±50, ±100 max.
PPM
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±5%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Input Current (IDD)
-
10 ~ 45 max.
15 ~ 85 max.
mA
Aging
@ 25°C
±5 max.
PPM/Y
Rise Time (TR) / Fall Time (TF)
< 66.660 MHz
10 max. (0.4V to 2.4V w/ TTL, Waveform / HCMOS)
nS
Rise Time (TR) / Fall Time (TF)
66.660 MHz
4 max. (0.4V to 2.4V w/ TTL, Waveform / HCMOS)
nS
Output Voltage High "1" VOH
TTL Load
2.4 min.
VDC
HCMOS Load
2.7 min.
VDD-0.5 min.
Output Voltage Low "0" VOL
TTL Load
0.4 max.
VDC
HCMOS Load
0.5 max.
Duty Cycle
-
50 ±10 (Std.) / 50 ±5 (Option)
%
Start-Up Time (TS)
-
10 max.
ms
Jitter
(One Sigma)
±25 max.
ps
PIN CONNECTIONS
#1
No Connection or Tri-State
Page 1 of 3
Oscilent Corporation | 320 Series Crystal Oscillator


Similar Part No. - CO-320

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
CO-330 OSCILENT-CO-330 Datasheet
145Kb / 3P
   330 Series Crystal Oscillator
CO-340 OSCILENT-CO-340 Datasheet
141Kb / 3P
   340 Series Crystal Oscillator
CO-350 OSCILENT-CO-350 Datasheet
143Kb / 3P
   350 Series Crystal Oscillator
CO-360 OSCILENT-CO-360 Datasheet
145Kb / 3P
   360 Series Crystal Oscillator
CO-390 OSCILENT-CO-390 Datasheet
132Kb / 2P
   390 Series Crystal Oscillator
More results

Similar Description - CO-320

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
CO-391 OSCILENT-CO-391 Datasheet
132Kb / 2P
   391 Series Crystal Oscillator
CO-390 OSCILENT-CO-390 Datasheet
132Kb / 2P
   390 Series Crystal Oscillator
CO-340 OSCILENT-CO-340 Datasheet
141Kb / 3P
   340 Series Crystal Oscillator
CO-392 OSCILENT-CO-392 Datasheet
132Kb / 2P
   392 Series Crystal Oscillator
CO-330 OSCILENT-CO-330 Datasheet
145Kb / 3P
   330 Series Crystal Oscillator
CO-360 OSCILENT-CO-360 Datasheet
145Kb / 3P
   360 Series Crystal Oscillator
CO-350 OSCILENT-CO-350 Datasheet
143Kb / 3P
   350 Series Crystal Oscillator
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com