Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ6.0C Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # SMDJ6.0C
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMDJ6.0C Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  SMDJ6.0C Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMDJ6.0C Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMDJ6.0C Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMDJ6.0C Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMDJ6.0C Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMDJ6.0C Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMDJ6.0C Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision September 25, 2013
3 / 7
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMDJ Series
5.0 To 440 V
3000W
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Marking
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
SMDJ45
SMDJ45C
PFU
DFU
45.0
50.00
61.10
1
80.3
37.36
5
SMDJ45A
SMDJ45CA
PFV
DFV
45.0
50.00
55.30
1
72.7
41.27
5
SMDJ48
SMDJ48C
PFW
DFW
48.0
53.30
65.10
1
85.5
35.09
5
SMDJ48A
SMDJ48CA
PFX
DFX
48.0
53.30
58.90
1
77.4
38.76
5
SMDJ51
SMDJ51C
PFY
DFY
51.0
56.70
69.30
1
91.1
32.93
5
SMDJ51A
SMDJ51CA
PFZ
DFZ
51.0
56.70
62.70
1
82.4
36.41
5
SMDJ54
SMDJ54C
RGD
DGD
54.0
60.00
73.30
1
96.3
31.15
5
SMDJ54A
SMDJ54CA
RGE
DGE
54.0
60.00
66.30
1
87.1
34.44
5
SMDJ58
SMDJ58C
RGF
DGF
58.0
64.40
78.70
1
103.0
29.13
5
SMDJ58A
SMDJ58CA
PGG
DGG
58.0
64.40
71.20
1
93.6
32.05
5
SMDJ60
SMDJ60C
RGH
DGH
60.0
66.70
81.50
1
107.0
28.04
5
SMDJ60A
SMDJ60CA
PGK
DGK
60.0
66.70
73.70
1
96.8
30.99
5
SMDJ64
SMDJ64C
PGL
DGL
64.0
71.10
86.90
1
114.0
26.32
5
SMDJ64A
SMDJ64CA
PGM
DGM
64.0
71.10
78.60
1
103.0
29.13
5
SMDJ70
SMDJ70C
PGN
DGN
70.0
77.80
95.10
1
125.0
24.00
5
SMDJ70A
SMDJ70CA
PGP
DGP
70.0
77.80
86.00
1
113.0
26.55
5
SMDJ75
SMDJ75C
PGQ
DGQ
75.0
83.30
102.00
1
134.0
22.39
5
SMDJ75A
SMDJ75CA
PGR
DGR
75.0
83.30
92.10
1
121.0
24.79
5
SMDJ78
SMDJ78C
PGS
DGS
78.0
86.70
106.00
1
139.0
21.58
5
SMDJ78A
SMDJ78CA
PGT
DGT
78.0
86.70
95.80
1
126.0
23.81
5
SMDJ80
SMDJ80C
PGA
DGA
80.0
88.96
108.80
1
143.2
20.95
5
SMDJ80A
SMDJ80CA
PGB
DGB
80.0
88.80
97.60
1
129.6
23.15
5
SMDJ85
SMDJ85C
PGU
DGU
85.0
94.40
115.00
1
151.0
19.87
5
SMDJ85A
SMDJ85CA
PGV
DGV
85.0
94.40
104.00
1
137.0
21.90
5
SMDJ90
SMDJ90C
PGW
DGW
90.0
100.00
122.00
1
160.0
18.75
5
SMDJ90A
SMDJ90CA
PGX
DGX
90.0
100.00
111.00
1
146.0
20.55
5
SMDJ100
SMDJ100C
PGY
DGY
100.0
111.00
136.00
1
179.0
16.76
5
SMDJ100A
SMDJ100CA
PGZ
DGZ
100.0
111.00
123.00
1
162.0
18.52
5
SMDJ110
SMDJ110C
PHD
DHD
110.0
122.00
149.00
1
196.0
15.31
5
SMDJ110A
SMDJ110CA
PHE
DHE
110.0
122.00
135.00
1
177.0
16.95
5
SMDJ120
SMDJ120C
PHF
DHF
120.0
133.00
163.00
1
214.0
14.02
5
SMDJ120A
SMDJ120CA
PHG
DHG
120.0
133.00
147.00
1
193.0
15.54
5
SMDJ130
SMDJ130C
PHH
DHH
130.0
144.00
176.00
1
231.0
12.99
5
SMDJ130A
SMDJ130CA
PHK
DHK
130.0
144.00
159.00
1
209.0
14.35
5
SMDJ140
SMDJ140C
PHA
DHA
140.0
155.68
190.40
1
250.6
11.97
5
SMDJ140A
SMDJ140CA
PHB
DHB
140.0
155.00
171.00
1
226.8
13.23
5
SMDJ150
SMDJ150C
PHL
DHL
150.0
167.00
204.00
1
268.0
11.19
5
SMDJ150A
SMDJ150CA
PHM
DHM
150.0
167.00
185.00
1
243.0
12.35
5
SMDJ160
SMDJ160C
PHN
DHN
160.0
178.00
218.00
1
287.0
10.45
5
SMDJ160A
SMDJ160CA
PHP
DHP
160.0
178.00
197.00
1
259.0
11.58
5
SMDJ170
SMDJ170C
PHQ
DHQ
170.0
189.00
231.00
1
304.0
9.87
5
SMDJ170A
SMDJ170CA
PHR
DHR
170.0
189.00
209.00
1
275.0
10.91
5
SMDJ180
SMDJ180C
PHS
DHS
180.0
201.00
244.80
1
322.2
9.31
5
SMDJ180A
SMDJ180CA
PHT
DHT
180.0
201.00
220.00
1
291.6
10.29
5
SMDJ190
SMDJ190C
PHU
DHU
190.0
211.21
258.40
1
340.1
8.82
5
SMDJ190A
SMDJ190CA
PHV
DHV
190.0
211.00
232.00
1
307.8
9.75
5
SMDJ200A
SMDJ200CA
PHW
DHW
200.0
224.00
247.00
1
324.0
9.26
5
SMDJ220A
SMDJ220CA
PHX
DHX
220.0
246.00
272.00
1
356.0
8.43
5
SMDJ250A
SMDJ250CA
PHZ
DHZ
250.0
279.00
309.00
1
405.0
7.41
5
SMDJ300A
SMDJ300CA
PJE
DJE
300.0
335.00
371.00
1
486.0
6.17
5
SMDJ350A
SMDJ350CA
PJG
DJG
350.0
391.00
432.00
1
567.0
5.29
5
SMDJ400A
SMDJ400CA
PJK
DJK
400.0
447.00
494.00
1
648.0
4.63
5
SMDJ440A
SMDJ440CA
PJM
DJM
440.0
492.00
543.00
1
713.0
4.21
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics
(TA=25℃ unless otherwise noted) (Continue)


Similar Part No. - SMDJ6.0C

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMDJ6.0C SOCAY-SMDJ6.0C Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Anova Technologies CO.,...
SMDJ6.0C ANOVA-SMDJ6.0C Datasheet
267Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMDJ6.0C LUGUANG-SMDJ6.0C Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
First Silicon Co., Ltd
SMDJ6.0C FS-SMDJ6.0C Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
UN Semiconducctor INC
SMDJ6.0C UNSEMI-SMDJ6.0C Datasheet
4Mb / 8P
   5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - SMDJ6.0C

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com