Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ80CA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SMBJ80CA
Description  600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMBJ80CA Datasheet(HTML) 1 Page - Diodes Incorporated

  SMBJ80CA Datasheet HTML 1Page - Diodes Incorporated SMBJ80CA Datasheet HTML 2Page - Diodes Incorporated SMBJ80CA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS19002 Rev. 11 - 2
1 of 3
SMBJ5.0(C)A - SMBJ170(C)A
SMBJ5.0(C)A - SMBJ170(C)A
600W SURFACE MOUNT TRANSIENT VOLTAGE
SUPPRESSOR
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation
(Non repetitive current pulse derated above TA =25°C)
(Note 1)
PPK
600
W
Peak Forward Surge Current, 8.3ms Single Half Sine
Wave Superimposed on Rated Load (JEDEC Method)
(Notes1, 2, & 3)
IFSM
100
A
Instantaneous Forward Voltage @IPP = 35A
VBR<100V
(Notes 1, 2, & 3)
VBR³100V
VF
3.5
5.0
V
V
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
Features
·
Case: SMB, Transfer Molded Epoxy
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity Indicator: Cathode Band
(Note: Bi-directional devices have no polarity
indicator.)
·
Marking: Date Code and Marking Code
See Page 3
·
Weight: 0.1 grams (approx.)
·
Ordering Info: See Page 3
·
600W Peak Pulse Power Dissipation
·
5.0V - 170V Standoff Voltages
·
Glass Passivated Die Construction
·
Uni- and Bi-Directional Versions Available
·
Excellent Clamping Capability
·
Fast Response Time
·
Plastic Material - UL Flammability
Classification Rating 94V-0
Mechanical Data
SMB
Dim
Min
Max
A
3.30
3.94
B
4.06
4.70
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum.
3. Unidirectional units only.


Similar Part No. - SMBJ80CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ80CA SOCAY-SMBJ80CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80CA SOCAY-SMBJ80CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Diodes Incorporated
SMBJ80CA DIODES-SMBJ80CA Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Zowie Technology Corpor...
SMBJ80CA ZOWIE-SMBJ80CA Datasheet
294Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMBJ80CA YANGJIE-SMBJ80CA Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - SMBJ80CA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com